Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61160ADRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61160ADRVT
Descripción Electrónicos  TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160ADRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61160ADRVT Datasheet HTML 1Page - Texas Instruments TPS61160ADRVT Datasheet HTML 2Page - Texas Instruments TPS61160ADRVT Datasheet HTML 3Page - Texas Instruments TPS61160ADRVT Datasheet HTML 4Page - Texas Instruments TPS61160ADRVT Datasheet HTML 5Page - Texas Instruments TPS61160ADRVT Datasheet HTML 6Page - Texas Instruments TPS61160ADRVT Datasheet HTML 7Page - Texas Instruments TPS61160ADRVT Datasheet HTML 8Page - Texas Instruments TPS61160ADRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
TPS61160A, TPS61161A
www.ti.com
SLVS937C – MARCH 2009 – REVISED JULY 2016
Product Folder Links: TPS61160A TPS61161A
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin WSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
2
O
Output of the transconductance error amplifier. Connect an external capacitor to this pin to compensate the
regulator.
CTRL
5
I
Control pin of the boost regulator. Enable and disable device. PWM signal can be applied to the pin for
LED brightness dimming as well.
FB
1
I
Feedback pin for current. Connect the sense resistor from FB to GND.
GND
3
O
Ground
SW
4
I
This is the switching node of the IC. Connect the inductor between the VIN and SW pin. This pin is also
used to sense the output voltage for open LED protection
VIN
6
I
The input supply pin for the IC. Connect VIN to a supply voltage between 2.7 V and 18 V.
Thermal Pad
The thermal pad should be soldered to the analog ground plane. If possible, use thermal via to connect to
ground plane for ideal power dissipation.


Número de pieza similar - TPS61160ADRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160ADRVT TI-TPS61160ADRVT Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160ADRVT TI1-TPS61160ADRVT Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Descripción similar - TPS61160ADRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com