Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61230ARNSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61230ARNSR
Descripción Electrónicos  TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230ARNSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61230ARNSR Datasheet HTML 2Page - Texas Instruments TPS61230ARNSR Datasheet HTML 3Page - Texas Instruments TPS61230ARNSR Datasheet HTML 4Page - Texas Instruments TPS61230ARNSR Datasheet HTML 5Page - Texas Instruments TPS61230ARNSR Datasheet HTML 6Page - Texas Instruments TPS61230ARNSR Datasheet HTML 7Page - Texas Instruments TPS61230ARNSR Datasheet HTML 8Page - Texas Instruments TPS61230ARNSR Datasheet HTML 9Page - Texas Instruments TPS61230ARNSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Load (A)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9 2
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
D001
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.2 V
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
10
15
20
25
30
D001
Input Voltage (V)
2.5
3
3.5
4
4.5
4.96
5.00
5.04
5.08
5.12
5.16
5.20
D001
Load = 10 mA
Load = 100 mA
Load = 1 A
Load = 2 A
Load (A)
0.0001
0.001
0.01
0.1
1
3
4.90
4.95
5.00
5.05
5.10
5.15
D001
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.3 V
Load (A)
0.0001
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D001
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.3 V
Input Voltage (V)
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.34.4
70
75
80
85
90
95
100
D001
Load = 10 mA
Load = 100 mA
Load = 1 A
Load = 2A
6
TPS61230A
SLVSCZ5A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS61230A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Typical Characteristics
VIN = 3.6 V, VOUT = 5.0 V, TJ = -40°C to 125 °C, unless otherwise noted.
TA = 25 ºC
Figure 1. Efficiency vs. Output Current
TA = 25 ºC
Figure 2. Efficiency vs. Input Voltage
TA = 25 ºC
Figure 3. Line Regulation
TA = 25 ºC
Figure 4. Load Regulation
TA = 25 ºC
Figure 5. Frequency vs. Load
VOUT = 5 V
VIN = 3.6V
Figure 6. High-Side FET Rdson vs Junction Temperature


Número de pieza similar - TPS61230ARNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCR TI1-TPS61230DRCR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCT TI1-TPS61230DRCT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Descripción similar - TPS61230ARNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61089 TI1-TPS61089 Datasheet
1Mb / 29P
[Old version datasheet]   TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
logo
ILSI America LLC
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com