Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61235RWLR Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TPS61235RWLR
Descripción Electrónicos  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61235RWLR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61235RWLR Datasheet HTML 8Page - Texas Instruments TPS61235RWLR Datasheet HTML 9Page - Texas Instruments TPS61235RWLR Datasheet HTML 10Page - Texas Instruments TPS61235RWLR Datasheet HTML 11Page - Texas Instruments TPS61235RWLR Datasheet HTML 12Page - Texas Instruments TPS61235RWLR Datasheet HTML 13Page - Texas Instruments TPS61235RWLR Datasheet HTML 14Page - Texas Instruments TPS61235RWLR Datasheet HTML 15Page - Texas Instruments TPS61235RWLR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
K
R
V
I
CC
REF
CC
_
OUT
˜
12
TPS61235P, TPS61236P
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
The CC pin can be connected to ground to disable the output current monitor function, and it will not affect the
CV operation.
8.3.4.3 Constant Current Operation
As Equation 1 shows, the CC pin voltage is proportional to the output current. The TPS6123x monitors the CC
pin voltage and compares it to an internal reference voltage VREF, which is 1.244 V typically. When VCC exceeds
VREF, the CC regulation loop kicks in and pulls the inductor current valley to a lower value so to keep the CC pin
voltage at VREF. Equally, the output current is regulated at the set value as Equation 2.
(2)
Where:
IOUT_CC is the set constant output current,
VREF is the internal reference voltage, 1.244 V typically,
RCC is the resistor connected at the CC pin,
K is the coefficient between the output current and the internal built current signal, K = 100,000.
If the load current is higher than the CC setting, the output voltage drops. A balance can be achieved if the load
decreases and matches the CC current before VOUT is pulled below input voltage. In the balance status, the
TPS6123x can keep CC operation, output the constant current, and maintain the output voltage at the balanced
level. If the output voltage is pulled below the input voltage by a strong load before the balance is achieved, the
device exits CC operation and enters into start-up process, where the output current is limited by ILIM_pre instead
of the CC value. If the load is still higher than ILIM_pre, the device will be stuck in the pre-charge phase; otherwise,
the device can complete the pre-charge phase, but its output voltage will be pulled down again in the switching
phase due to the limited output current, so an oscillation may happen.
In order to avoid the potential oscillation, the CC operation is only recommended for pure resistive loads or load
devices with dynamic power management function. For a resistive load, its resistance should be higher than VIN /
IOUT_CC; for a load device with dynamic power management function, which can regulate its input voltage to a set
value, a higher set voltage than VIN of the TPS6123x is suggested. By doing this, a balance can be achieved
before the output voltage is pulled below the input voltage, so to avoid the TPS6123x entering into the startup
process.
For effective CC operation, a capacitor must be connected in parallel with RCC at CC pin, and the CC value
should be set lower than the maximum output capability of the converter; otherwise, the TPS6123x will trigger the
over current protection first and fail to regulate the output current. Refer to the Over Current Protection section
for details.
The CC operation can be disabled by shorting the CC pin to ground. By doing so, the CC loop is disabled, so the
TPS6123x works as a normal boost converter to regulate the output voltage, and its maximum output current
capability is decided by the internal current limit.
8.3.5 Over Current Protection
To protect the device from over load condition, an internal cycle-by-cycle current limit is implemented. Once the
inductor valley current reaches the internal current limit, the protection is triggered and it clamps the valley
current at the limit ILIM until next cycle comes.
Figure 15 illustrates the valley current limit scheme. The average of the rectifier ripple current equals the output
current, IOUT(DC). When the load current increases, the loop increases the valley current accordingly. If the valley
current is increased above ILIM, the off-time will be extended until the valley drops to ILIM. Then the next cycle
begins.


Número de pieza similar - TPS61235RWLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Descripción similar - TPS61235RWLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com