Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61235RWLT Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS61235RWLT
Descripción Electrónicos  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61235RWLT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61235RWLT Datasheet HTML 3Page - Texas Instruments TPS61235RWLT Datasheet HTML 4Page - Texas Instruments TPS61235RWLT Datasheet HTML 5Page - Texas Instruments TPS61235RWLT Datasheet HTML 6Page - Texas Instruments TPS61235RWLT Datasheet HTML 7Page - Texas Instruments TPS61235RWLT Datasheet HTML 8Page - Texas Instruments TPS61235RWLT Datasheet HTML 9Page - Texas Instruments TPS61235RWLT Datasheet HTML 10Page - Texas Instruments TPS61235RWLT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
0
5
10
15
20
25
D001
Output Voltage (V)
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
D001
VIN = 2.7 V
VIN = 3.6 V
VIN = 4.5 V
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
60
65
70
75
80
85
90
95
100
D001
2.7 V Input
3.3 V Input
3.6 V Input
4.2 V Input
Input Voltage (V)
2.5
3
3.5
4
4.5
5
10
12
14
16
18
20
D001
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
60
65
70
75
80
85
90
95
100
D001
2.7 V Input
3.3 V Input
3.6 V Input
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
60
65
70
75
80
85
90
95
100
D001
2.7 V Input
3.3 V Input
3.6 V Input
4.2 V Input
7
TPS61235P, TPS61236P
www.ti.com
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
VIN = 3.6 V, VOUT = 5.0 V, TJ = –40°C to 125 °C, unless otherwise noted.
VOUT = 4.5 V (TPS61236P), CC pin connected to GND
Figure 1. Efficiency vs Output Current with Different Inputs
VOUT = 5.1 V (TPS61235P), CC pin connected to GND
Figure 2. Efficiency vs Output Current with Different Inputs
VOUT = 5.5 V (TPS61236P), CC pin connected to GND
Figure 3. Efficiency vs Output Current with Different Inputs
VOUT = 5.1 V (TPS61235P), No Load, TA = 25°C
Figure 4. No Load Supply Current vs Input Voltage
VOUT = 5.1 V (TPS61235P), VIN = 3.6 V, No Load
Figure 5. No Load Supply Current vs Ambient Temperature
TA = 25°C
Figure 6. DC Pre-Charge Current vs Output Voltage


Número de pieza similar - TPS61235RWLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Descripción similar - TPS61235RWLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com