Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61252 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS61252
Descripción Electrónicos  TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61252 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61252_16 Datasheet HTML 1Page - Texas Instruments TPS61252_16 Datasheet HTML 2Page - Texas Instruments TPS61252_16 Datasheet HTML 3Page - Texas Instruments TPS61252_16 Datasheet HTML 4Page - Texas Instruments TPS61252_16 Datasheet HTML 5Page - Texas Instruments TPS61252_16 Datasheet HTML 6Page - Texas Instruments TPS61252_16 Datasheet HTML 7Page - Texas Instruments TPS61252_16 Datasheet HTML 8Page - Texas Instruments TPS61252_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SW
EN
PG
VIN
VOUT
FB
ILIM
GND
2
3
4
1
7
6
5
8
TPS61252
www.ti.com
SLVSAG3A – SEPTEMBER 2010 – REVISED DECEMBER 2014
6 Device Options
TA
OUTPUT VOLTAGE(1)
PACKAGE MARKING
PACKAGE
PART NUMBER(2)
–40°C to 85°C
Adjustable
QTI
8-Pin SON
TPS61252DSG
(1)
Contact TI for other fixed output voltage options
(2)
For detailed ordering information please check the Mechanical, Packaging, and Orderable Information.
7 Pin Configuration and Functions
DSG Package
8 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
6
I
Enable input. (1 enabled, 0 disabled). This pin must not be left floating and must be terminated
FB
3
I
Voltage feedback pin
GND
1
Ground
ILIM
4
I
Adjustable input valley current limit. A resistor to ground programs the current limit. Can be
connected to VIN for maximum current.
PG
5
O
Output power good (1 good, 0 failure; open drain).If unused, connect to ground or leave floating
SW
7
I
Connection for Inductor
VIN
8
I
Supply voltage for control stage
VOUT
2
O
Boost converter output
Exposed
Must be soldered to achieve appropriate power dissipation and for mechanical reasons. Must be
Thermal Pad
connected to GND.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61252


Número de pieza similar - TPS61252_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
More results

Descripción similar - TPS61252_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com