Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61300YFFR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61300YFFR
Descripción Electrónicos  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61300YFFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS61300YFFR Datasheet HTML 13Page - Texas Instruments TPS61300YFFR Datasheet HTML 14Page - Texas Instruments TPS61300YFFR Datasheet HTML 15Page - Texas Instruments TPS61300YFFR Datasheet HTML 16Page - Texas Instruments TPS61300YFFR Datasheet HTML 17Page - Texas Instruments TPS61300YFFR Datasheet HTML 18Page - Texas Instruments TPS61300YFFR Datasheet HTML 19Page - Texas Instruments TPS61300YFFR Datasheet HTML 20Page - Texas Instruments TPS61300YFFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Undervoltage
Lockout
Bias Supply
AVIN
VOUT
SW
LED2
REF
Bandgap
VREF = 1.238V
SCL
SDA
I2C I/F
AGND
PGND
FLASH_SYNC
CURRENT
CONTROL
P
P
SENSE FB
COMPARATOR
ERROR
AMPLIFIER
OVP
COMPARATOR
VOLTAGE
REGULATION
CURRENT
REGULATION
VREF
ON /OFF
DAC
TON
Control
LED1
CURRENT
CONTROL
Low-Side LED Current Regulator
P
SENSE FB
ON
/OFF
P
LED3
VLED Sense
DAC
SENSE FB
Tx-MASK
ENDCL
ENVM
INDLED
AVIN
INDC [1:0 ]
High-Side LED Current Regulator
Hot Die
Indicator
HC_SEL
VOUT
BAL
EN
HC _SEL
VOUT
2
350 k
Z
Z
R
S
Q
Q
CONTROL LOGIC
Control
Logic
Max tON Timer
Slew-Rate
Controller
Oscillator
Backgate
Control
Copyright © 2016, Texas Instruments Incorporated
17
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2 Functional Block Diagrams
Figure 30. TPS61300 Block Diagram


Número de pieza similar - TPS61300YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Descripción similar - TPS61300YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com