Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
Undervoltage
Lockout
Bias Supply
AVIN
VOUT
SW
LED2
REF
Bandgap
SCL
SDA
I
2C I/F
AGND
PGND
FLASH_SYNC
CURRENT
CONTROL
P
P
SENSE FB
COMPARATOR
ERROR
AMPLIFIER
OVP
COMPARATOR
VOLTAGE
REGULATION
CURRENT
REGULATION
VREF
ON/OFF
Control
Logic
Max tON Timer
DAC
TON
Control
Backgate
Control
LED1
CURRENT
CONTROL
Low-Side LED Current Regulator
P
SENSE FB
ON/OFF
P
LED3
VLED Sense
DAC
SENSE FB
ENDCL
Tx-MASK
INDLED
AVIN
INDC[1:0]
High-Side LED Current Regulator
Slew-Rate
Controller
Hot Die
Indicator
HC_SEL
VOUT
BAL
EN
HC_SEL
VOUT
2
Z
Z
Oscillator
R
S
Q
Q
CONTROL LOGIC
TS
AVIN
23µA
VREF = 1.05V
VREF = 0.305V
WARNING
HOT
VREF = 1.238V
350 k
Copyright © 2016, Texas Instruments Incorporated
20
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 33. TPS61306 Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn