Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 21 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
16-bit Prescaler
Safety Timer
Time-Out (TO)
Dimming
(DIM)
Timer
Value
(STIM)
FLASH_SYNC
tPULSE
CLOCK
Edge Detect
Start
MODE 0
MODE 1
CURRENT REGULATOR MODE – DC LIGHT / FLASH ACTIVE
MODE 0 = LOW
MODE 1 = HIGH
Duty-Cycle Generator (0.8% … 8.6%)
LED1-3 ON/OFF CONTROL
0: LED1-3 OFF
1: DC LIGHT CURRENT LEVEL
Start
Flash/Timer
(SFT)
Tx-MASK
0: DC LIGHT CURRENT LEVEL
1: FLASH CURRENT LEVEL
LED1-3 CURRENT CONTROL
350 kW
Safety Timer Trigger
(STT)
1
0
1
GPIO/PG
(GPIO Bit)
Port Direction
(DIR)
(GPIO Bit)
PWROK
Port Type
(PG)
DC Light
Safety Timer
(11.2s)
MODE 1
MODE 0
0: NORMAL OPERATION
1: DISABLE CURRENT SINK
350 kW
Copyright © 2016, Texas Instruments Incorporated
21
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 34. Timer Block Diagram Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn