Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 30 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
OutputVoltage, VOUT
PowerGood, PG
LEDFlashCurrent, IFLASH
FeedbackSenseComparatorOutput
(VLED > 400 mV)
LEDHDRbit
ESRxILED
CriticalHeadroomVoltage
FLASH_SYNC
30
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 43. Storage Capacitor, Simple Adaptive Precharge Voltage
8.3.16 Serial Interface Description
I2C is a 2-wire serial interface. The bus consists of a data line (SDA) and a clock line (SCL) with pullup
structures. When the bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect
to the I2C bus through open-drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital
signal processor, controls the bus. The master is responsible for generating the SCL signal and device
addresses. The master also generates specific conditions that indicate the START and STOP of data transfer. A
slave device receives or transmits data on the bus under control of the master device.
The TPS6130xx device works as a slave and supports the following data transfer modes, as defined in the I2C-
Bus Specification: standard mode (100 kbps) and fast mode (400 kbps), and high-speed mode (3.4 Mbps). The
interface adds flexibility to the power supply solution, enabling most functions to be programmed to new values
depending on the instantaneous application requirements. Register contents remain intact as long as supply
voltage remains above 2.1 V.
The data transfer protocol for standard and fast modes is exactly the same, therefore they are referred to as F/S-
mode in this document. The protocol for high-speed mode is different from F/S-mode, and it is referred to as HS-
mode. The TPS6130xx device supports 7-bit addressing; 10-bit addressing and general call address are not
supported. The device 7-bit address is defined as 011 0011.
8.4 Device Functional Modes
8.4.1 Down-Mode in Voltage Regulation Mode
In general, a boost converter only regulates output voltages which are higher than the input voltage. The featured
devices come with the ability to regulate 4.2 V at the output with an input voltage being has high as 5.5 V. To
control these applications properly, a down-conversion mode is implemented.
In voltage regulation mode, if the input voltage reaches or exceeds the output voltage, the converter changes to
the down-conversion mode. In this mode, the control circuit changes the behavior of the rectifying PMOS. It sets
the voltage drop across the PMOS as high as needed to regulate the output voltage. This means the power
losses in the converter increase. This must be considered for thermal consideration. The down-conversion mode
is automatically turned off as soon as the input voltage falls about 200 mV below the output voltage.
For proper operation in down-conversion mode, the output voltage must not be programmed higher than
≈5.3 V.
Take care not to violate the absolute maximum ratings at the SW pins.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn