Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 32 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
VOUT NOM.
PFMmodeatlightload
PWMmodeatheavyload
PFMrippleabout 0.015 xVOUT
1.013 xVOUT NOM.
Output
Voltage
32
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.4.3 Power-Save Mode Operation, Efficiency
The TPS6130xx device integrates a power save mode to improve efficiency at light load. In power save mode
the converter only operates when the output voltage trips below a set threshold voltage. It ramps up the output
voltage with one or several pulses and goes again into power save mode once the output voltage exceeds the
set threshold voltage.
Figure 45. Operation in PFM Mode and Transfer to PWM Mode
The power save mode can be enabled and disabled through the ENPSM bit. In down-conversion mode, power
save mode is always active and the device cannot be forced into fixed frequency operation at light loads.
The LED sense voltage has a direct effect on the converter’s efficiency. Because the voltage across the low-side
current regulator does not contribute to the output power (LED brightness), the lower the sense voltage the
higher the efficiency will be.
In direct drive mode (HC_SEL = L), the energy is being directly transferred from the battery to the LEDs. The
integrated current control loop automatically selects the minimum boosting ratio to maintain regulation based on
the LED forward voltage and current requirements. The low-side current regulators will be dropping the voltage
difference between the input voltage and the LEDs forward voltage (VF(LED) < VIN). When running in boost mode
(VF(LED) > VIN), the voltage present at the LED1–3 pins of the low-side current regulators will be typically 400 mV
leading to high power conversion efficiency. Depending on the input voltage and the LEDs forward voltage
characteristic the converter will show efficiency in the range of about 75% to 90%.
In high-current mode (HC_SEL = H), the device is only supplying a limited amount of energy directly from the
battery (DC light, contribution to flash current or voltage regulation mode). During a flash strobe, the bulk of the
energy supplied to the LEDs is provided by the reservoir capacitor. The low-side current regulators will be
typically operating with 400-mV headroom voltage. This means the power losses in the device increase and
special care must be taken for thermal considerations.
8.4.4 Mode of Operation: DC Light and Flashlight
Operation is understood best by referring to the timer block diagram. Depending on the settings of
MODE_CTRL[1:0] bits the device can enter 4 different operating modes. Table 8 details the converter’s operation
for ENVM = 0.
Table 8. Converter Operation for ENVM = 0
MODE_CTRL[1:0]
DESCRIPTION
00
The device is in shutdown mode.
01
The device is regulating the LED current to the DC light current level (DCLC bits) regardless of the FLASH_SYNC
input and START_FLASH/TIMER (SFT) bit. To avoid device shutdown by DC light safety timeout,
MODE_CTRL[1:0] needs to be refreshed within less than 11.2 s.
10
The flashlight pulse can be either trigger by a hardware signal (FLASH_SYNC) or by a software bit (SFT). LED
strobe pulse follows FLASH_SYNC.
11
The device is regulating a constant output voltage according to OV[3:0] bits settings. The low-side LED1–3 current
sinks are disabled and the LEDs are disconnected from the output. In this operating mode, the safety timer is
disabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn