Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 38 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
38
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
To signal the end of the data transfer, the master generates a stop condition by pulling the SDA line from low to
high while the SCL line is high (see Figure 54). This releases the bus and stops the communication link with the
addressed slave. All I2C compatible devices must recognize the stop condition. Upon the receipt of a stop
condition, all devices know that the bus is released, and they wait for a start condition followed by a matching
address.
Attempting to read data from register addresses not listed in this section will result in 00h being read out.
Figure 56. Acknowledge On the I2C Bus
Figure 57. Bus Protocol
8.4.12 HS-Mode Protocol
The master generates a start condition followed by a valid serial byte containing HS master code 00001XXX.
This transmission is made in F/S-mode at no more than 400 kbps. No device is allowed to acknowledge the HS
master code, but all devices must recognize it and switch their internal setting to support 3.4-Mbps operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S-mode, except that transmission
speeds up to 3.4 Mbps are allowed. A stop condition ends the HS-mode and switches all the internal settings of
the slave devices to support the F/S-mode. Instead of using a stop condition, repeated start conditions must be
used to secure the bus in HS-mode.
Attempting to read data from register addresses not listed in this section will result in 00h being read out.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn