Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 40 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
40
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Following the successful acknowledgement of the slave address, the bus master will send a byte to the
TPS6130xx, which will contain the address of the register to be accessed.
8.5.3 REGISTER1 (TPS61300, TPS61301)
Memory location: 0x01
Figure 63. REGISTER1 Fields
7
6
5
4
3
2
1
0
ENVM
MODE_CTRL[1:0]
DCLC13[1:0]
DCLC2[2:0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
(1)
When DCLC2[2:0] and DCLC13[1:0] are both reset, the device operates in voltage regulation mode. The output voltage is set according
to OV[3:0].
(2)
To ensure a proper transition into voltage mode operation, TI recommends disabling the LEDs (ENLED[2:0] bits are reset) before
clearing DCLC2[2:0] and DCLC13[1:0] bits.
Table 11. (For example, CONTROL_REVISION Register) Field Descriptions
Bit
Field
Type
Reset
Description
7
ENVM
R/W
0
Enable Voltage Mode bit.
0: Normal operation.
1: Forces the device into a constant voltage source.
In read mode, the ENVM bit is automatically updated to reflect the logic state of
the ENVM input pin.
6–5
MODE_CTRL[1:0]
R/W
00
Mode Control bits.
00: Device in shutdown mode.
01: Device operates in DC light mode.
10: Device operates in DC light and flash mode.
11: Device operates as constant voltage source.
To avoid device shutdown by DC light safety timeout, MODE_CTRL[1:0] bits
need to be refreshed within less than 11.2 s.
Writing to REGISTER1[6:5] automatically updates REGISTER2[6:5].
4–3
DCLC13[1:0]
R/W
01
DC Light Current Control bits (LED1/3).
00: 0 mA. LEDs are off, VOUT set according to OV[3:0].
(1) (2)
01: 50 mA
10: 75 mA
11: 100 mA
2–0
DCLC2[2:0]
R/W
001
DC Light Current Control bits (LED2).
000: 0 mA. LEDs are off, VOUT set according to OV[3:0].
(1) (2)
001: 50 mA
010: 75 mA
011: 100 mA
100: 125 mA
101: 150 mA
110: 200 mA,
350 mA current level can be activated simultaneously with Tx-MASK = 1.
111: 250 mA,
500 mA current level can be activated simultaneously with Tx-MASK = 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn