Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 46 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
46
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.5.9 REGISTER5
Memory location: 0x05
Figure 69. REGISTER5 Fields
7
6
5
4
3
2
1
0
SELFCAL
ENPSM
STENDCL (R)
DIR (W)
GPIO
GPIOTYPE
ENLED3
ENLED2
ENLED1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 17. REGISTER5 Field Descriptions
Bit
Field
Type
Reset
Description
7
SELFCAL
R/W
0
High-Current LED Forward Voltage Self-Calibration Start bit.
In write mode, this bit enables and disables the output voltage vs LED forward
voltage and current self-calibration procedure.
0: Self-calibration disabled.
1: Self-calibration enabled.
In read mode, this bit returns the status of the self-calibration procedure.
0: Self-calibration ongoing
1: Self-calibration done Notice that this bit is only being reset at the (re-)start of a
calibration cycle.
6
ENPSM
R/W
1
Enable and Disable Power-Save Mode bit.
0: Power-save mode disabled.
1: Power-save mode enabled.
5
STENDCL
R
1
ENDCL Input Status bit (Read Only).
This bit indicates the logic state on the ENDCL state. This bit is only active in
TPS61300.
DIR
W
GPIO Direction bit.
0: GPIO configured as input.
1: GPIO configured as output.
4
GPIO
R/W
0
GPIO Port Value.
This bit contains the GPIO port value.
3
GPIOTYPE
R/W
1
GPIO Port Type.
0: GPIO is configured as push-pull output.
1: GPIO is configured as open-drain output.
2
ENLED3
R/W
0
Enable and Disable High-Current LED3 bit.
0: LED3 input is disabled.
1: LED3 input is enabled.
1
ENLED2
R/W
1
Enable and Disable High-Current LED2 bit.
0: LED2 input is disabled.
1: LED2 input is enabled.
0
ENLED1
R/W
0
Enable and Disable High-Current LED1 bit.
0: LED1 input is disabled.
1: LED1 input is enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn