Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 48 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
48
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.5.11 REGISTER6 (TPS61305, TPS61305A)
Memory location: 0x06
Figure 71. REGISTER6 Fields
7
6
5
4
3
2
1
0
ENTS
LEDHOT
LEDWARN
LEDHDR
OV[3:0]
R/W-0
R/W-0
R-0
R-0
R/W-1
R/W-0
R/W-0
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 19. REGISTER6 Field Descriptions
Bit
Field
Type
Reset
Description
7
ENTS
R/W
0
Enable and Disable LED Temperature Monitoring.
0: LED temperature monitoring disabled.
1: LED temperature monitoring enabled
6
LEDHOT
R/W
0
LED Excessive Temperature Flag.
This bit can be reset by writing a logic level zero.
0: TS input voltage > 0.345 V.
1: TS input voltage < 0.345 V.
5
LEDWARN
R
0
LED Temperature Warning Flag (Read Only).
This flag is reset after readout.
0: TS input voltage > 1.05 V.
1: TS input voltage < 1.05 V.
4
LEDHDR
R
0
LED High-Current Regulator Headroom Voltage Monitoring bit.
This bit returns the headroom voltage status of the LED high-current regulators.
This value is being updated at the end of a flash strobe, before the LED current
ramp-down phase.
0: Low headroom voltage.
1: Sufficient headroom voltage.
3–0
OV[3:0]
R/W
1001
Output Voltage Selection bits.
In read mode, these bits return the result of the high-current LED forward voltage
self-calibration procedure.
In write mode, these bits are used to set the target output voltage (see Down-
Mode in Voltage Regulation Mode). In applications requiring dynamic voltage
control, care must be take to set the new target code after voltage mode
operation has been enabled (MODE_CTRL[1:0] = 11 or ENVM bit = 1).
OV[3:0]: Target output voltage
0000: 3.825 V
0001: 3.950 V
0010: 4.075 V
0011: 4.200 V
0100: 4.325 V
0101: 4.450 V
0110: 4.575 V
0111: 4.700 V
1000: 4.825 V
1001: 4.950 V
1010: 5.075 V
1011: 5.200 V
1100: 5.325 V
1101: 5.450 V
1110: 5.575 V
1111: 5.700 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn