Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 50 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
VOUT
AVIN
SW
CI
SW
LED 1
CO
10 mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
TPS61305
LED 2
LED 3
D1
D 2
2.5 V..5.5 V
NRESET
FLASH_SYNC
TS
GPIO/PG
INDLED
Privacy
Indicator
CAMERA ENGINE
I2C I/F
HC_ SEL
BAL
FLASH READY
PHONE POWER ON
1.8 V
220k
NTC
Tx-MASK
Copyright © 2016, Texas Instruments Incorporated
50
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS6130xx can drive up to three white LEDs in parallel (400-mA, 800-mA, and 400-mA maximum flash
current). The extended high-current mode (HC_SEL) allows up to 1025-mA, 2050-mA, and 1025-mA flash
current. The 2-MHz switching frequency allows the use of small and low profile passive components.
9.2 Typical Applications
9.2.1 4100-mA Two White High-Power LED Flashlight Featuring Storage Capacitor
Figure 73. 4100-mA Two White High-Power LED Flashlight Featuring Storage Capacitor
9.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 21 as the input parameters.
Table 21. TPS61305 Design Requirement
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
2.5 V to 5.5 V
Output Voltage
4.95 V
Operating Freqency
2 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn