Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 54 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
PG
(2V/div)
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
V
(200mV/div
-4.7VOffset)
OUT
I
+I
(1 A/div)
LED1
LED3
Tx-MASKInput=1
Tx-MASKbit=0,
ILIMbit=1
ENPSMbit=1,
I
(1 A/div)
LED2
DCLC13[1:0]=00
FC13[1:0]=11
DCLC2[2:0]=000
FC2[2:0]=111
V
=3.6V,V
=4.7V, AllLEDChannels Active
IN
OUT
t-Time=10ms/div
PG
(2V/div)
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
V
(500mV/div-4.95VOffset)
OUT
I
+I
(1 A/div)
LED1
LED3
Tx-MASKInput=1
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=1
I
(1 A/div)
LED2
DCLC13[1:0]=00DCLC2[2:0]=000
FC13[1:0]=11FC2[2:0]=111
V
=3.6V,V
=4.95V, AllLEDChannels Active
IN
OUT
t-Time=50ms/div
TPS61305
(NRESET=1)
V
(500mV/div-4.95VOffset)
OUT
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=0
I
(1 A/div)
LED2
DCLC2[2:0]=000
FC2[2:0]=111
V
=3.6V,V
=4.95V,LED2ChannelOnly
IN
OUT
FLASHSYNC
(2V/div)
I
(500mA/div)
L
Tx-MASKInput=1
t-Time=20ms/div
t - Time = 100 ms/div
V
(500mV/div - 4.95V Offset)
OUT
V = 3.6V,
IN
V
= 4.95V, LED2 Channel Only
OUT
ENPSM bit = 1,
ILIM bit = 0,
Tx-MASK = 1
TPS61305
(NRESET = 1)
I
(1A/div)
LED2
DCLC2[2:0] = 000
FC2[2:0] = 111
FLASH_SYNC
(2V/div)
I
(200mA/div)
L
t - Time = 500 ms/div
I
+ I
(50mA/div)
LED1
LED3
V
(1V/div)
OUT
V = 3.6V,
IN
V
= 4.95V
All LED Channels Active
OUT
ENPSM bit = 1, ILIM bit = 0
Tx-MASK = 1
TPS61305
(NRESET = 1)
PG (2V/div)
I
(50mA/div)
LED2
DC Light
Turn-On Command
DC Light
Turn-Off Command
DCLC13[1:0] = 01
DCLC2[2:0] = 010
t - Time = 50 ms/div
V
(200mV/div - 4.95V Offset)
OUT
V = 3.6V,
IN
V
= 4.95V, LED2 Channel Only
OUT
ENPSM bit = 1,
ILIM bit = 0,
Tx-MASK = 1
TPS61305
(NRESET = 1)
PG (2V/div)
I
(1A/div)
LED2
DCLC2[2:0] = 000
FC2[2:0] = 111
FLASH_SYNC
(2V/div)
54
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 79. DC Light Operation (HC_SEL = 1)
Figure 80. Flash Sequence (HC_SEL = 1)
Figure 81. Flash Sequence (HC_SEL = 1)
Figure 82. Flash Sequence (HC_SEL = 1)
Figure 83. Flash Sequence (HC_SEL = 1)
Figure 84. Flash Sequence (HC_SEL = 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn