Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 55 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
VOUT
AVIN
SW
CI
SW
LED1
CO
10 mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
I2C I/F
TPS61300
LED2
LED3
D1
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx-MASK
HC_SEL
GPIO/PG
ENVM
INDLED
Privacy
Indicator
BAL
Copyright © 2016, Texas Instruments Incorporated
T =55°C
J
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
DCLight=2sFlashStrobe=35ms
I
+I
(1 A/div)
LED1
LED3
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=1
I
(1 A/div)
LED2
DCLC2[2:0]=011
FC2[2:0]=111
V
=3.6V,V
=4.7V, AllLEDChannels Active
IN
OUT
Tx-MASK
(10mV/div--0.55VOffset)
T =25°C
J
DCLC13[1:0]=01
FC13[1:0]=11
t-Time=500ms/div
t - Time = 100 s/div
V
(500mV/div)
OUT
V = 3.6V,
IN
I
= 0mA
OUT
TPS61305 (NRESET = 1)
PG (2V/div)
HC_SEL (2V/div)
55
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 85. Junction Temperature Monitoring (HC_SEL = 1)
Figure 86. Shutdown (HC_SEL = 1)
9.2.2 TPS61300 Typical Application
Figure 87. TPS61300 Typical Application Circuit
9.2.2.1 Design Requirement
For this design example, use the parameters listed in Table 22 as the input parameters.
Table 22. TPS61300 Design Requirement
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
2.5 V to 5.5 V
Output Voltage
4.95 V
Operating Freqency
2 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn