Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 56 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
TPS61300,HC_SEL =0
V
(500mV/div-3.6VOffset)
OUT
I
(20mA/div)
LED2
Frequency=121Hz
DutyCycle=6.3%
V
=3.6V,I
=75mA
IN
DCLIGHT2
t-Time=2ms/div
LED2ChannelOnly
INDC[3:0]=1110
t-Time=125ns/div
SW
(2V/div)
I
(200mA/div)
L
V
(20mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=300mA,I
=1750mA
OUT
OUT
LIM
ForcedPWMOperation
ENPSMbit=0
TPS61300,HC_SEL =0
t - Time = 5 µs/div
Tx-MASK
(2V/div)
I
(200mA/div)
LED2
I
(200mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 110
FC2[2:0] = 111
t - Time = 100 µs/div
Tx-MASK
(2V/div)
I
(200mA/div)
LED2
I
(500mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 001
FC2[2:0] = 111
t - Time = 500 µs/div
Tx-MASK
(2V/div)
I
(200mA/div)
LED2
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V, I
= 1750mA
IN
OUT
LIM
DCLC2[2:0] = 000
FC2[2:0] = 100
FLASH_SYNC
(2V/div)
I
+
(200mA/div)
LED1
I
LED3
DCLC13[1:0] = 00
FC13[1:0] = 01
t - Time = 1 ms/div
I
(500mA/div)
LED2
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V, I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 000
FC2[2:0] = 111
FLASH_SYNC
(2V/div)
LED2 Pin Headroom Voltage
(1V/div)
V
(1V/div - 3.6V Offset)
OUT
56
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
9.2.2.2 Application Curves
Figure 88. Flash Sequence (HC_SEL = 0)
Figure 89. Tx-Masking Operation (HC_SEL = 0)
Figure 90. Tx-Masking Operation (HC_SEL = 0)
Figure 91. Tx-Masking Operation (HC_SEL = 0)
Figure 92. Low-Light Dimming Mode Operation
Figure 93. PWM Operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn