Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 57 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
t - Time = 100 µs/div
ENVM
(2V/div)
I
(200mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
I
= 0mA,
OUT
V
(2V/div)
OUT
t-Time=50 s/div
m
I
(500mA/div)
L
V
(500mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=1750mA
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
TPS61300,HC_SEL =0
I
(500mA/div)
OUT
50mA to500mA LoadStep
t - Time = 200 µs/div
ENDCL
(2V/div)
I
(50mA/div)
LED2
I
(200mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 011
V
(2V/div)
OUT
t-Time=2 s/div
m
SW
(5V/div)
I
(200mA/div)
L
V
(100mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=50mA,I
=1750mA
OUT
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
TPS61300
HC_SEL =0
t-Time=2 s/div
m
SW
(5V/div)
I
(200mA/div)
L
V
(100mV/div-3.825VOffset)
OUT
V =4.2V,
IN
V
=3.825V
I
=50mA,I
=1750mA
OUT
OUT
LIM
PFM/PWMOperation
ENPSMbit=1
TPS61300,HC_SEL =0
57
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 94. PFM Operation
Figure 95. Down-Mode Operation (Voltage Mode)
Figure 96. Voltage Mode Load Transient Response
Figure 97. Start-Up Into DC Light Operation
Figure 98. Start-Up Into Voltage Mode Operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn