Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 58 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
VOUT
AVIN
SW
CI
SW
LED 1
CO
10mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
I2C I/F
TPS61300
LED 2
LED 3
D1
D 2
2.5V..5.5V
ENDCL
FLASH_SYNC
Tx-MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
RF PA TX ACTIVE
ENABLE APA (BB)
ENABLE TORCH(BB)
Audio Input
Audio Input
+5.0 V
CLASS-D APA
EN
HC_SEL
BAL
Copyright © 2016, Texas Instruments Incorporated
VOUT
AVIN
SW
CI
SW
LED1
CO
10 mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
TPS61300
LED2
LED3
D1
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx-MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
RF PA TX ACTIVE
I
2
C I/F
HC_SEL
BAL
Copyright © 2016, Texas Instruments Incorporated
58
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
9.3 System Examples
9.3.1 2x 600-mA High-Power White LED Solution Featuring Privacy Indicator
Figure 99. 2× 600-mA High-Power White LED Solution Featuring Privacy Indicator
9.3.2 White LED Flashlight Driver and Audio Amplifier Power Supply Operating Simultaneously
Figure 100. White LED Flashlight Driver and Audio Amplifier Power Supply Operating Simultaneously


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn