Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 61 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
VOUT
AVIN
SW
CI
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
High-Speed
I
2C I/F
TPS61305
LED2
LED3
D1
D2
2.5 V..5.5 V
FLASH_SYNC
TS
HC_SEL
GPIO/PG
INDLED
Privacy
Indicator
BAL
NTC
Tx-MASK
NRESET
CO
10 mF
Copyright © 2016, Texas Instruments Incorporated
VOUT
AVIN
SW
C I
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
High
- Speed
I2C I/F
TPS61301
LED2
LED3
D1
D2
2.5 V..5.5 V
NRESET
FLASH_SYNC
Tx-MASK
HC_SEL
GPIO/PG
ENVM
INDLED
Privacy
Indicator
BAL
CO
10mF
Copyright © 2016, Texas Instruments Incorporated
61
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
System Examples (continued)
9.3.7 TPS61301, Typical Application
Figure 105. TPS61301, Typical Application
9.3.8 TPS61305 Typical Application
Figure 106. TPS61305, Typical Application


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn