Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
200
225
250
275
300
325
350
375
400
425
450
200 225 250 275 300 325 350 375 400 425 450
LED1,LED3CurrentDigitalCode-mA
V
=4.5V
IN
V
=3.6V
IN
V
=2.5V
IN
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
LED2CurrentDigitalCode-mA
V
=4.5V
IN
V
=3.6V
IN
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
200
300
400
500
600
700
800
900
V
=2.5V
IN
25
50
75
100
125
25
50
75
100
125
LED1,LED3CurrentDigitalCode-mA
V
=4.5V
IN
V
=3.6V
IN
V
=2.5V
IN
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
0
25
50
75
100
125
150
175
200
225
250
275
300
0
25 50 75 100 125 150 175 200 225 250 275 300
LED2CurrentDigitalCode-mA
V
=2.5V
IN
V
=4.5V
IN
V
=3.6V
IN
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
0
100
200
300
400
500
600
700
800
900
400 500 600 700 800 900 1000 1100 1200 1300 1400
LED1,LED3PinHeadroomVoltage-mV
ILED1= ILED3=400mA
I
=1750mA,
HC_SEL =Low
LIM
TPS61300
ILED1= ILED3=350mA
ILED1= ILED3=300mA
ILED1= ILED3=250mA
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
300 400
500 600 700
800 900 1000 1100 1200 1300 1400
LED2PinHeadroomVoltage-mV
TPS61305
ILED2=2050mA,T =85°C
A
ILED2=2050mA,T =25°C
A
ILED2=2050mA,T =-40°C
A
ILED2=1775mA,
T =25°C
A
ILED2=1775mA,
T =85°C
A
ILED2=1775mA,
T =-40°C
A
V
=3.6V,V
=4.95V
HC_SEL =High
IN
OUT
12
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 8. LED1+LED3 Current vs
LED1+LED3 Pin Headroom Voltage (HC_SEL = 0)
Figure 9. LED2 Current vs
LED2 Pin Headroom Voltage (HC_SEL = 1)
Figure 10. LED2 Current vs
LED2 Current Digital Code (HC_SEL = 0)
Figure 11. LED1, LED3 Current vs
LED1, LED3 Current Digital Code (HC_SEL = 0)
Figure 12. LED2 Current vs
LED2 Current Digital Code (HC_SEL = 0)
Figure 13. LED1, LED3 Current vs
LED1, LED3 Current Digital Code (HC_SEL = 0)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn