Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
V
=4.95V,
I
=1250mA
OUT
LIM
TPS61300
VoltageModeRegulation
V
=5.7V,
I
=1250mA
OUT
LIM
V
=5.7V,
I
=500mA
OUT
LIM
V
=4.95V,
I
=250mA
OUT
LIM
T =25°C
A
3.71
3.749
3.787
3.825
3.863
3.902
3.94
3.978
4.016
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
I
-OutputCurrent-mA
O
I
=0mA
OUT
I
=100mA
OUT
I
=1000mA
OUT
TPS61300
VoltageModeRegulation
V
=3.825V
OUT
I
=1750mA
LIM
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
1
10
100
1000
10000
I
-OutputCurrent-mA
O
TPS61300
VoltageModeRegulation
ForcedPWMOperation
PFM/PWMOperation
V
=3.6V
IN
V
=2.5V
IN
V
=4.95V,
I
=1750mA
OUT
LIM
V
=4.2V
IN
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
I
-OutputCurrent-mA
O
ForcedPWMOperation
PFM/PWMOperation
V
=4.2V
IN
V
=3.6V
IN
V
=2.5V
IN
V
=3V
IN
TPS61300
V
=3.825V
VoltageModeRegulation
OUT
I
=1750mA
LIM
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=4.2V
IN
V
=3.6V
IN
V
=2.5V
IN
TPS61300
V
=4.95V
VoltageModeRegulation
OUT
I
=1750mA
LIM
V
=3V
IN
PFM/PWMOperation
ForcedPWMOperation
0
1
2
3
4
5
6
7
8
9
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
INDLEDPinHeadroomVoltage-V
INDLED=0011
INDLED=0010
INDLED=0001
T =85°C
A
T =25°C
A
T =-40°C
A
T =85°C
A
T =25°C
A
T =-40°C
A
T =85°C
A
T =25°C
A
TPS61300
V
=3.6V
IN
T =-40°C
A
13
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 14. INDLED Current vs
INDLED Pin Headroom Voltage
Figure 15. Efficiency vs Output Current
Figure 16. Efficiency vs Output Current
Figure 17. DC Output Voltage vs Load Current
Figure 18. DC Output Voltage vs Load Current
Figure 19. Maximum Output Current vs Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn