Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 14 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
-20
-15
-10
-5
0
5
10
15
20
25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
V
-BalancePinVoltage-V
BAL
TPS61305
V
=4.95V,
HC_SEL =1
OUT
T =25°C
A
T =85°C
A
T =-40°C
A
1000
500
600
700
800
900
1100
1200
1300
1400
1500
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
TPS61305
V
=5.7V,T =25°C
OUT
A
V
=3.825V,
T =25°C
OUT
A
V
=4.95V,
T =25°C
OUT
A
V
=4.95V,T =85°C
OUT
A
V
=4.95V,
T =-40°C
OUT
A
I
=0mA
ENPSMbit=ENVMbit=1
OUT
0
3
6
9
12
15
18
21
24
27
30
33
36
39
42
45
48
T =25°C
A
T =85°C
A
T =-40°C
A
V
=3.6V
IN
HC_SEL =1,
Tx-MASK=1,
I
bit=1
LIM
SampleSize=70
I
-ValleyCurrentLimit-mA
LIM
TPS61305
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
I
-ValleyCurrentLimit-mA
LIM
HC_SEL =1,
Tx-MASK=1,
I
bit=0
LIM
TPS61305
T =25°C
A
T =85°C
A
T =-40°C
A
V
=3.6V
IN
SampleSize=70
0
50
100
150
200
250
300
350
400
0
0.6
1.2
1.8
2.4
3
3.6
4.2
DifferentialInput-OutputVoltage-V
TPS61305
V
=3.6V,T =25°C
IN
A
HC_SEL =1
V
=2.5V,T =25°C
IN
A
V
=4.2V,T =25°C
IN
A
0
50
100
150
200
250
300
350
400
0
0.6
1.2
1.8
2.4
3
3.6
4.2
DifferentialInput-OutputVoltage-V
V
=3.6V,T =-40°C
IN
A
V
=3.6V,T =25°C
IN
A
V
=3.6V,T =85°C
IN
A
TPS61305
HC_SEL =1
14
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 20. DC Precharge Current vs Differential
Input
‑‑Output Voltage (HC_SEL = 1)
Figure 21. DC Precharge Current vs Differential
Input
‑‑Output Voltage (HC_SEL = 1)
Figure 22. Valley Current Limit (HC_SEL = 1)
Figure 23. Valley Current Limit (HC_SEL = 1)
Figure 24. Balancing Current vs Balance Pin Voltage
Figure 25. Supply Current vs Input Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn