Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61300YFFR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61300YFFR
Descripción  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Descarga  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61300YFFR Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
64 65 66 67 68 69 70 71 72 73 74 75
TemperatureDetection(70°CThreshold)
V
=3.6V
IN
SampleSize=76
TPS61305
-50
-25
0
25
50
75
100
125
150
175
200
-0.6 -0.55 -0.5 -0.45 -0.4 -0.35 -0.3 -0.25 -0.2 -0.15 -0.1
PortVoltage-V
Port
InputBuffer
100 A
m
TPS61300
I
=-100 A
PORT
m
ENDCL Input
Tx-MASKInput
ENVMInput
0
2
4
6
8
10
12
14
16
18
20
22
24
26
50
51
52
53
54
55
56
57
58
59
60
TemperatureDetection(55°CThreshold)
V
=3.6V
IN
TPS61305
SampleSize=76
0
0.5
1
1.5
2
2.5
3
-35 -25 -15 -5
5
15 25 35 45 55 65 75 85
T - AmbientTemperature-°C
A
V
=4.8V
IN
V
=3.6V
IN
V
=2.5V
IN
HC_SEL =1
Storagecapacitorbalanced(I
=0 A)
OUT
m
TPS61305
15
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 26. Standby Current vs Ambient Temperature
(HC_SEL = 1)
Figure 27. Temperature Detection Threshold
Figure 28. Temperature Detection Threshold
Figure 29. Junction Temperature vs Port Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn