Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61291 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61291
Descripción Electrónicos  TPS61291 Low Iq Boost Converter with Bypass Operation
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61291 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61291 Datasheet HTML 1Page - Texas Instruments TPS61291 Datasheet HTML 2Page - Texas Instruments TPS61291 Datasheet HTML 3Page - Texas Instruments TPS61291 Datasheet HTML 4Page - Texas Instruments TPS61291 Datasheet HTML 5Page - Texas Instruments TPS61291 Datasheet HTML 6Page - Texas Instruments TPS61291 Datasheet HTML 7Page - Texas Instruments TPS61291 Datasheet HTML 8Page - Texas Instruments TPS61291 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS61291
SLVSBX9A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes.......................................... 8
1
Features .................................................................. 1
8
Applications and Implementation ...................... 10
2
Applications ........................................................... 1
8.1
Application Information............................................ 10
3
Description ............................................................. 1
8.2
Typical Application .................................................. 10
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 16
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 16
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 16
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 16
6.2
Handling Ratings....................................................... 4
11
Device and Documentation Support ................. 17
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support .................................................... 17
6.4
Thermal Information ................................................. 4
11.2
Documentation Support ........................................ 17
6.5
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 17
6.6
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 17
7
Detailed Description .............................................. 7
11.5
Glossary ................................................................ 17
7.1
Overview ................................................................... 7
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 7
Information ........................................................... 17
7.3
Feature Description................................................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September 2014) to Revision A
Page
Changed "Bypass Mode Operation" description ................................................................................................................... 9
Added sub-section "Controlled Transition into Bypass Mode" .............................................................................................. 9
Added NOTE to the "Application and Implementation" section. .......................................................................................... 10
Changed "List of Inductors" table ........................................................................................................................................ 11
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61291


Número de pieza similar - TPS61291

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61291EVM-569 TI-TPS61291EVM-569 Datasheet
368Kb / 11P
[Old version datasheet]   TPS61291EVM-569 Evaluation Module
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
More results

Descripción similar - TPS61291

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
   Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
   Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com