Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61280AYFFT Datasheet(PDF) 37 Page - Texas Instruments

No. de pieza TPS61280AYFFT
Descripción Electrónicos  TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61280AYFFT Datasheet(HTML) 37 Page - Texas Instruments

Back Button TPS61280AYFFT Datasheet HTML 33Page - Texas Instruments TPS61280AYFFT Datasheet HTML 34Page - Texas Instruments TPS61280AYFFT Datasheet HTML 35Page - Texas Instruments TPS61280AYFFT Datasheet HTML 36Page - Texas Instruments TPS61280AYFFT Datasheet HTML 37Page - Texas Instruments TPS61280AYFFT Datasheet HTML 38Page - Texas Instruments TPS61280AYFFT Datasheet HTML 39Page - Texas Instruments TPS61280AYFFT Datasheet HTML 40Page - Texas Instruments TPS61280AYFFT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
3.055
3.087
3.118
3.15
3.181
3.213
3.244
3.276
0.0001
0.001
0.01
0.1
1
2
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 2.9V
V
IN = 3.1V
3.055
3.087
3.118
3.15
3.181
3.213
1.5
1.9
2.3
2.7
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 2.9V
V
IN = 3.0V
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
2
Current (A)
V = 2.5V
IN
V
IN = 2.7V
V
IN = 3.0V
V
IN = 3.6V
V
IN = 4.3V
85.0
90.0
95.0
100.0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 3.0V
V
IN = 3.6V
V
IN = 4.3V
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
2
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 3.0V
V
IN = 3.6V
V
IN = 4.3V
85.0
90.0
95.0
100.0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 3.0V
V
IN = 3.6V
V
IN = 4.3V
TPS61280A, TPS61281A, TPS61282A
www.ti.com
SLVSCG9A – MAY 2014 – REVISED SEPTEMBER 2014
11.2.1.3 Application Performance Curves
VOUT = 3.15V
VSEL = Low
Mode = Low
VOUT = 3.15V
VSEL = Low
Mode = Low
Figure 29. TPS61281A Efficiency vs Output Current
Figure 30. TPS61281A Efficiency vs Output Current
VOUT = 3.35V
VSEL = High
Mode = Low
VOUT = 3.35V
VSEL = High
Mode = Low
Figure 31. TPS61281A Efficiency vs Output Current
Figure 32. TPS61281A Efficiency vs Output Current
VOUT = 3.15V
Mode = Low
VOUT = 3.15V
Mode = Low
Figure 34. TPS61281A DC Output Voltage vs Output
Figure 33. TPS61281A DC Output Voltage vs Output
Current
Current
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: TPS61280A TPS61281A TPS61282A


Número de pieza similar - TPS61280AYFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results

Descripción similar - TPS61280AYFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com