Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61258YFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61258YFFT
Descripción Electrónicos  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61258YFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61258YFFT Datasheet HTML 6Page - Texas Instruments TPS61258YFFT Datasheet HTML 7Page - Texas Instruments TPS61258YFFT Datasheet HTML 8Page - Texas Instruments TPS61258YFFT Datasheet HTML 9Page - Texas Instruments TPS61258YFFT Datasheet HTML 10Page - Texas Instruments TPS61258YFFT Datasheet HTML 11Page - Texas Instruments TPS61258YFFT Datasheet HTML 12Page - Texas Instruments TPS61258YFFT Datasheet HTML 13Page - Texas Instruments TPS61258YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
4.95
5
5.05
5.1
5.15
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 5 V
I
V = 2.5 V
I
V = 4.5 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
V = 3.6 V
I
4.365
4.41
4.455
4.5
4.545
V
= 4.5 V
PWM Operation
O
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
500
700
900
1100
1300
1500
1700
1900
I
- Output Current - mA
O
V = 4.2 V
I
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
I
- Output Current - mA
O
V
~
Standby Operation
O
VI
V = 4.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
4.41
4.46
4.50
4.55
4.59
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 2.5 V
I
V = 4.5 V
I
V = 3.6 V
I
V
= 4.5 V
PFM/PWM Operation
O
I
= 300 mA
O
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V - Input Voltage - V
I
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
V
= 5 V
PFM/PWM Operation
O
I
= 100 mA
O
I
= 10 mA
O
I
= 800 mA
O
50
55
60
65
70
75
80
85
90
95
100
0
1
10
100
1000
10000
I - Output Current - mA
O
V = 4.2 V
I
V = 4.5 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%),
PFM/PWM Operation
O
O
pulse
d
10
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 3. Efficiency vs Output Current
Figure 4. Efficiency vs Input Voltage
Figure 5. Efficiency vs Output Current
Figure 6. DC Output Voltage vs Output Current
Figure 7. DC Output Voltage vs Output Current
Figure 8. DC Output Voltage vs Output Current


Número de pieza similar - TPS61258YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61258YFFT TI1-TPS61258YFFT Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61258YFFT TI1-TPS61258YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Descripción similar - TPS61258YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com