Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62000DGSR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62000DGSR
Descripción Electrónicos  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62000DGSR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62000DGSR Datasheet HTML 10Page - Texas Instruments TPS62000DGSR Datasheet HTML 11Page - Texas Instruments TPS62000DGSR Datasheet HTML 12Page - Texas Instruments TPS62000DGSR Datasheet HTML 13Page - Texas Instruments TPS62000DGSR Datasheet HTML 14Page - Texas Instruments TPS62000DGSR Datasheet HTML 15Page - Texas Instruments TPS62000DGSR Datasheet HTML 16Page - Texas Instruments TPS62000DGSR Datasheet HTML 17Page - Texas Instruments TPS62000DGSR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
O
RMS
I
I
=
2
O
O
RMS
O(max)
I
I
V
V
I
= I
1
V
V
æ
ö
´
´
-
ç
÷
è
ø
O
I
O
O
O
V
1
V
1
V
= V
ESR
L
8
C
f
f
-
æ
ö
D
´
´
+
ç
÷
´
´
´
è
ø
1
2
3
O
O
I
RMS(C )
O
V
1
V
I
= V
L
f
-
´
´
´
´
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
www.ti.com
See Table 3 for recommended capacitors.
If an output capacitor is selected with an ESR value
≤ 120 mΩ, its RMS ripple current rating always meets the
application requirements. Just for completeness, the RMS ripple current is calculated as:
(5)
The overall output ripple voltage is the sum of the voltage spike caused by the output capacitor ESR plus the
voltage ripple caused by charging and discharging the output capacitor:
(6)
Where the highest output voltage ripple occurs at the highest input voltage VI.
Table 3. Tested Capacitors
CAPACITOR VALUE
ESR/m
COMPONENT SUPPLIER
COMMENTS
10
μF
50
Taiyo Yuden JMK316BJ106KL
Ceramic
47
μF
100
Sanyo 6TPA47M
POSCAP
68
μF
100
Spraque 594D686X0010C2T
Tantalum
9.2.2.3 Input Capacitor Selection
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes.
The input capacitor should have a minimum value of 10
μF and can be increased without any limit for better input
voltage filtering.
The input capacitor should be rated for the maximum input ripple current calculated as:
(7)
The worst case RMS ripple current occurs at D = 0.5 and is calculated as:
Ceramic capacitor show a good performance because of their low ESR value, and they are less sensitive against
voltage transients compared to tantalum capacitors.
Place the input capacitor as close as possible to the input pin of the IC for best performance.
14
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Número de pieza similar - TPS62000DGSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62000DGSR TI-TPS62000DGSR Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000DGSRG4 TI-TPS62000DGSRG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Descripción similar - TPS62000DGSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com