Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61300 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61300
Descripción Electrónicos  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61300 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61300 Datasheet HTML 3Page - Texas Instruments TPS61300 Datasheet HTML 4Page - Texas Instruments TPS61300 Datasheet HTML 5Page - Texas Instruments TPS61300 Datasheet HTML 6Page - Texas Instruments TPS61300 Datasheet HTML 7Page - Texas Instruments TPS61300 Datasheet HTML 8Page - Texas Instruments TPS61300 Datasheet HTML 9Page - Texas Instruments TPS61300 Datasheet HTML 10Page - Texas Instruments TPS61300 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted the specification applies for VIN = 3.6 V over an operating junction temperature TJ = –40°C to 125°C;
Circuit of (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT REGULATOR
LED1/3 current
accuracy(1)
HC_SEL = 0
0.4 V
≤ VLED1/3 ≤ 2 V
00
≤ DCLC13[1:0] ≤ 11, TJ = 85°C
–10%
10%
0.4 V
≤ VLED1/3 ≤ 2 V
00
≤ FC13[1:0] ≤ 11, TJ = 85°C
–7.5%
7.5%
LED2 current
accuracy(1)
0.4 V
≤ VLED2 ≤ 2 V
000
≤ DCLC2[2:0] ≤ 111, TJ = 85°C
–10%
10%
0.4 V
≤ VLED2 ≤ 2 V
000
≤ FC2[2:0] ≤ 111, TJ = 85°C
–7.5%
7.5%
LED1/3 current
accuracy(1)
HC_SEL = 1
0.4 V
≤ VLED1/3 ≤ 2 V
00
≤ DCLC13[1:0] ≤ 11, TJ = 85°C
–10%
10%
0.4 V
≤ VLED1/3 ≤ 2 V
00
≤ FC13[1:0] ≤ 11, TJ = 85°C
–10%
10%
LED2 current
accuracy(1)
0.4 V
≤ VLED2 ≤ 2 V
000
≤ DCLC2[2:0] ≤ 111, TJ = 85°C
–10%
10%
0.4 V
≤ VLED1/3 ≤ 2 V
000
≤ FC2[2:0] ≤ 111, TJ = 85°C
–10%
10%
LED1/3 current matching(1)
–10%
10%
LED1/2/3 current temperature
coefficient
0.05
%/°C
INDLED current accuracy
1.5 V
≤ (VIN – VINDLED) ≤ 2.5 V
2.6 mA
≤ IINDLED ≤ 7.9 mA, TJ = 25°C
–20%
20%
INDLED current temperature
coefficient
0.04
%/°C
VDO
LED1/2/3 sense voltage
ILED1–3 = full-scale current, HC_SEL = 0
400
mV
LED1/2/3 sense voltage
ILED1–3 = full-scale current, HC_SEL = 1
400
450
VOUT dropout voltage
IOUT = –7.5 mA, device not switching
220
LED1/2/3 input leakage current
VLED1/2/3 = VOUT = 5 V, –40°C ≤ TJ ≤ 85°C
0.1
4
μA
INDLED input leakage current
VINDLED = 0 V, –40°C ≤ TJ ≤ 85°C
0.1
1
μA
STORAGE CAPACITOR ACTIVE CELL BALANCING
Active cell balancing circuitry
quiescent current into VOUT
HC_SEL = 1, storage capacitor balanced
–40°C
≤ TJ ≤ 85°C
1.7
6
μA
Active cell balancing accuracy
(VOUT – BAL) vs BAL voltage difference
Storage capacitor balanced HC_SEL = 1
VOUT = 5.7 V
–100
100
mV
BAL output drive capability
VOUT = 4.95 V, Sink and source current
±10
±15
mA
Active discharge resistor
HC_SEL = 0, device in shutdown mode
VOUT to BAL and BAL to GND
0.85
1.5
k
LED TEMPERATURE MONITORING (TPS61305, TPS61035A)
IO(TS)
Temperature Sense Current Source
Thermistor bias current
23.8
μA
TS Resistance (Warning
Temperature)
LEDWARN bit = 1, TJ ≥ 25°C
39
44.5
50
k
TS Resistance (Hot Temperature)
LEDHOT bit = 1, TJ ≥ 25°C
12.5
14.5
16.5
k
SDA, SCL, GPIO/PG, ENVM, Tx-MASK, ENDCL, NRESET, FLASH_SYNC, HC_SEL
V(IH)
High-level input voltage
1.2
V
V(IL)
Low-level input voltage
0.4
V
V(OL)
Low-level output voltage (SDA)
IOL = 8 mA
0.3
V
Low-level output voltage (GPIO)
DIR = 1, IOL = 5 mA
0.3
V(OH)
High-level output voltage (GPIO)
DIR = 1, GPIOTYPE = 0, IOH = 8 mA
VIN – 0.4
V


Número de pieza similar - TPS61300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Descripción similar - TPS61300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com