Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62000-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS62000-Q1
Descripción Electrónicos  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62000-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62000-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS62000-Q1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS62000Q1, TPS62001Q1, TPS62002Q1, TPS62003Q1
TPS62004Q1, TPS62005Q1, TPS62006Q1, TPS62007Q1, TPS62008Q1
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SGLS243A − APRIL 2004 − REVISED JUNE 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
low noise antiringing switch
An antiringing switch is implemented in order to reduce the EMI radiated from the converter during
discontinuous conduction mode (DCM). In DCM, the inductor current ramps to zero before the end of each
switching period. The internal load comparator turns off the low side switch at that instant thus preventing the
current flowing backward through the inductance which increases the efficiency. An antiringing switch across
the inductor prevents parasitic oscillation caused by the residual energy stored in the inductance (see
Figure 12).
NOTE:
The antiringing switch is only activated in the fixed output voltage versions. It is not enabled for the
adjustable output voltage version TPS62000.
soft start
As the enable pin (EN) goes high, the soft-start function generates an internal voltage ramp. This causes the
start-up current to slowly rise preventing output voltage overshoot and high inrush currents. The soft-start
duration is typical 1 ms (see Figure 13). When the soft-start function is completed, the error amplifier is
connected directly to the internal voltage reference.
enable
Logic low on EN forces the TPS6200x into shutdown. In shutdown, the power switch, drivers, voltage reference,
oscillator, and all other functions are turned off. The supply current is reduced to less than 1
µA in the shutdown
mode.
undervoltage lockout
An undervoltage lockout circuit provides the save operation of the device and it prevents the converter from
turning on when the voltage on VIN is less than 1.6 V typical.
power good comparator
The power good (PG) comparator has an open drain output capable of sinking typically 10
µA. The PG is only
active when the device is enabled (EN = high). When the device is disabled (EN = low), the PG pin is high
impedance.
The PG output is only valid after a 100
µs delay after the device is enabled and the supply voltage is greater
than 1.2 V. This is only important in cases where the pullup resistor of the PG pin is connected to an external
voltage source, which might cause an initial spike (false high signal) within the first 100
µs after the input voltage
exceeds 1.2 V. This initial spike can be filtered with a small R-C filter to avoid false power good signals during
start-up.
If the PG pin is connected to the output of the TPS62000 with a pullup resistor, no initial spike (false high signal)
occurs and no precautions have to be taken during start-up.
The PG pin becomes active high when the output voltage exceeds typically 94.5% of its nominal value. Leave
the PG pin unconnected when not used.
no load operation
In case the converter operates in the forced PWM mode and there is no load connected to the output, the
converter regulates the output voltage by allowing the inductor current to reverse for a short period of time.


Número de pieza similar - TPS62000-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Descripción similar - TPS62000-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com