Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62002QDGSRQ1 Datasheet(PDF) 1 Page - Texas Instruments |
|
TPS62002QDGSRQ1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 26 page TPS62000Q1, TPS62001Q1, TPS62002Q1, TPS62003Q1 TPS62004Q1, TPS62005Q1, TPS62006Q1, TPS62007Q1, TPS62008Q1 HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER SGLS243A − APRIL 2004 − REVISED JUNE 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FEATURES D Qualified for Automotive Applications D High-Efficiency Synchronous Step-Down Converter With Greater Than 95% Efficiency D 2-V to 5.5-V Operating Input Voltage Range D Adjustable Output Voltage Range From 0.8 V to VI D Fixed Output Voltage Options Available in 0.9 V, 1 V, 1.2 V, 1.5 V, 1.8 V, 1.9 V, 2.5 V, and 3.3 V D Synchronizable to External Clock Signal up to 1 MHz D Up to 600-mA Output Current D Pin-Programmable Current Limit D High Efficiency Over a Wide Load Current Range in Power Save Mode D 100% Maximum Duty Cycle for Lowest Dropout D Low-Noise Operation Antiringing Switch and PFM/PWM Operation Mode D Internal Softstart D 50-µA Quiescent Current (TYP) D Available in the 10-Pin Microsmall Outline Package (MSOP) D Evaluation Module Available APPLICATIONS D Low-Power CPUs and DSPs D Cellular Phones D Organizers, PDAs, and Handheld PCs D MP-3 Portable Audio Players D Digital Cameras D USB-Based DSL Modems and Other Network Interface Cards description/ordering information The TPS6200x devices are a family of low-noise synchronous step-down dc-dc converters that are ideally suited for systems powered from a 1-cell Li-ion battery or from a 2- to 3-cell NiCd, NiMH, or alkaline battery. The TPS6200x operates typically down to an input voltage of 1.8 V, with a specified minimum input voltage of 2 V. ORDERING INFORMATION{ TJ VOLTAGE OPTIONS MSOP PACKAGE} MARKING Adjustable TPS62000QDGSRQ1 AOQ 0.9 V TPS62001QDGSRQ1§ 1 V TPS62002QDGSRQ1§ 1.2 V TPS62003QDGSRQ1§ −40 °C to 125°C 1.5 V TPS62004QDGSRQ1 AOR −40 C to 125 C 1.8 V TPS62005QDGSRQ1 ALY 1.9 V TPS62008QDGSRQ1§ 2.5 V TPS62006QDGSRQ1 AOS 3.3 V TPS62007QDGSRQ1 AOT † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at http://www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging. § Indicates Product Preview. Contact Texas Instruments for details. Copyright 2008, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Número de pieza similar - TPS62002QDGSRQ1 |
|
Descripción similar - TPS62002QDGSRQ1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |