Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62004DGSRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62004DGSRG4
Descripción Electrónicos  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62004DGSRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62004DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 10Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 11Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 12Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 13Page - Texas Instruments TPS62004DGSRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
8.3.3 Undervoltage Lockout
An undervoltage lockout circuit provides the save operation of the device. It prevents the converter from turning
on when the voltage on VIN is less than typically 1.6 V.
8.3.4 Power Good Comparator
The power good (PG) comparator has an open drain output capable of sinking typically 10
μA. The PG is only
active when the device is enabled (EN = high). When the device is disabled (EN = low), the PG pin is high
impedance.
The PG output is only valid after a 100
μs delay after the device is enabled and the supply voltage is greater
than 1.2 V. This is only important in cases where the pullup resistor of the PG pin is connected to an external
voltage source which might cause an initial spike (false high signal) within the first 100
μs after the input voltage
exceeds 1.2 V. This initial spike can be filtered with a small R-C filter to avoid false power good signals during
start-up.
If the PG pin is connected to the output of the TPS62000 with a pullup resistor, no initial spike (false high signal)
occurs and no precautions have to be taken during start-up.
The PG pin becomes active high when the output voltage exceeds typically 94.5% of its nominal value. Leave
the PG pin unconnected when not used.
8.4 Device Functional Modes
The TPS6200x is a synchronous current-mode PWM converter with integrated – and P-channel power MOSFET
switches. Synchronous rectification is used to increase efficiency and to reduce external component count. To
achieve the highest efficiency over a wide load current range, the converter enters a power-saving pulse-
frequency modulation (PFM) mode at light load currents. Operating frequency is typically 750 kHz, allowing the
use of small inductor and capacitor values. The device can be synchronized to an external clock signal in the
range of 500 kHz to 1 MHz. For low-noise operation, the converter can be operated in the PWM mode and the
internal antiringing switch reduces noise and EMI. In the shutdown mode, the current consumption is reduced to
less than 1
μA. The TPS62000 is available in the 10-pin (DGS) microsmall outline package (VSSOP). The device
operates over a free-air temperature range of –40°C to 85°C.
8.4.1 Soft Start
As the enable pin (EN) goes high, the soft-start function generates an internal voltage ramp. This causes the
start-up current to slowly rise preventing output voltage overshoot and high inrush currents. The soft-start
duration is typical 1 ms (see Figure 12). When the soft-start function is completed, the error amplifier is
connected directly to the internal voltage reference.
8.4.2 Synchronization, Power Save Mode, and Forced PWM Mode
If no clock signal is applied, the converter operates with a typical switching frequency of 750 kHz. It is possible to
synchronize the converter to an external clock within a frequency range from 500 kHz to 1000 kHz. The device
automatically detects the rising edge of the first clock and is synchronized immediately to the external clock. If
the clock signal is stopped, the converter automatically switches back to the internal clock and continues
operation without interruption. The switch over is initiated if no rising edge on the SYNC pin is detected for a
duration of four clock cycles. Therefore, the maximum delay time can be 8
μs in case the internal clock has a
minimum frequency of 500 kHz.
In case the device is synchronized to an external clock, the power save mode is disabled and the device stays in
forced PWM mode.
Connecting the SYNC pin to the GND pin enables the power save mode. The converter operates in the PWM
mode at moderate to heavy loads and in the PFM mode during light loads maintaining high efficiency over a wide
load current range.
Connecting the SYNC pin to the VIN pin forces the converter to operate permanently in the PWM mode even at
light or no load currents. The advantage is the converter operates with a fixed switching frequency that allows
simple filtering of the switching frequency for noise sensitive applications. In this mode, the efficiency is lower
compared to the power save mode during light loads (see ).
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Número de pieza similar - TPS62004DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62004DGSRG4 TI-TPS62004DGSRG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Descripción similar - TPS62004DGSRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com