Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62095 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS62095
Descripción Electrónicos  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62095 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62095_16 Datasheet HTML 5Page - Texas Instruments TPS62095_16 Datasheet HTML 6Page - Texas Instruments TPS62095_16 Datasheet HTML 7Page - Texas Instruments TPS62095_16 Datasheet HTML 8Page - Texas Instruments TPS62095_16 Datasheet HTML 9Page - Texas Instruments TPS62095_16 Datasheet HTML 10Page - Texas Instruments TPS62095_16 Datasheet HTML 11Page - Texas Instruments TPS62095_16 Datasheet HTML 12Page - Texas Instruments TPS62095_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Voltage
t
V1 = 3.3V
V2 = 1.8V
Voltage
t
V1 = 3.3V
V2 = 1.8V
a) V1 startup leading V2
b) Simultaneous tracking
÷
ø
ö
ç
è
æ
+
´
<
÷
ø
ö
ç
è
æ
+
1
4
R
3
R
56
.
1
1
2
R
1
R
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
1
4
R
3
R
56
.
1
1
2
R
1
R
2
R
2
R
1
R
4
R
3
R
4
R
56
.
1
1
1
V
2
V
+
´
+
´
=
R4
R3
V1
Output of external
DC DC converter
V2
1.8V/4A
V
IN
2.5V to 5.5V
PVIN
PVIN
EN
FB
C1
22µF
L1
1µH
C2
2 x 22µF
R1
200k
SW
TPS62095
SW
AVIN
R2
160k
SS
AGND
PG
VOS
DEF
CP
CN
C3
10nF
1
2
13
4
5
6
PGND PGND
7
8
9
10
11
12
3
14
15
16
TPS62095
www.ti.com
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
Device Functional Modes (continued)
During startup the switch current limit is reduced to 1/3 of its typical current limit of 5.5A when the output voltage
is less than 0.6V. Once the output voltage exceeds typically 0.6V, the switch current limit is released to its
nominal value. Thus, the device provides a reduced load current of 1.8A when the output voltage is below 0.6V.
A small or no soft startup time may trigger this reduced switch current limit during startup, especially for larger
output capacitor applications. This is avoided by using a larger soft start up capacitance which extends the soft
startup time. See Short Circuit Protection (Hiccup-Mode) for details of the reduced current limit during startup.
7.4.2 Voltage Tracking
The SS pin can also be used to implement output voltage tracking with other supply rails, as shown in Figure 5.
Figure 5. Output Voltage Tracking
In voltage tracking applications, the resistance R4 should be set properly to achieve accurate voltage tracking by
taking 7.5
μA soft startup current into account. 4.3kΩ is a sufficient value for R4. The relationship between V1 and
V2 is shown in Equation 5. To achieve V1 startup leading V2, as shown in Figure 6, Equation 5 should be less
than 1. To achieve simultaneous tracking, Equation 5 should equal to 1.
(5)
Figure 6. Voltage Tracking Applications
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62095


Número de pieza similar - TPS62095_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
More results

Descripción similar - TPS62095_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
   PWM Control 4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
   4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
   4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com