Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62095RGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62095RGTT
Descripción Electrónicos  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62095RGTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62095RGTT Datasheet HTML 1Page - Texas Instruments TPS62095RGTT Datasheet HTML 2Page - Texas Instruments TPS62095RGTT Datasheet HTML 3Page - Texas Instruments TPS62095RGTT Datasheet HTML 4Page - Texas Instruments TPS62095RGTT Datasheet HTML 5Page - Texas Instruments TPS62095RGTT Datasheet HTML 6Page - Texas Instruments TPS62095RGTT Datasheet HTML 7Page - Texas Instruments TPS62095RGTT Datasheet HTML 8Page - Texas Instruments TPS62095RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Load (A)
0.001
0.01
0.1
1
5
5
60
70
80
90
100
D001
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5.0 V
Vout
1.8V/4A
Vin
2.5V to 5.5V
PVIN
PVIN
EN
FB
C1
22mF
L1
1 H
m
C2
2x22mF
R1
200k
SW
TPS62095
SW
Power Good
AVIN
R2
160k
SS
R3
500k
AGND
PG
C4
10nF
VOS
DEF
CP
CN
C3
10nF
1
2
13
4
5
6
PGND PGND
7
8
9
10
11
12
3
14
15
16
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62095
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
TPS62095 4A, High Efficiency Step Down Converter with DCS-Control™ and Low Profile
Solution
1 Features
3 Description
The
TPS62095
device
is
a
high
frequency
1
DCS-Control™ Topology
synchronous step down converter optimized for small
Pin-to-Pin Compatible with TPS62090
solution size, high efficiency and suitable for battery
Supports 1.2mm Height Total Solution
powered applications. To maximize efficiency, the
converter operates in PWM mode with a nominal
95% Converter Efficiency
switching frequency of 1.4MHz and automatically
20µA Operating Quiescent Current
enters Power Save Mode operation at light load
2.5V to 5.5V Input Voltage Range
currents. When used in distributed power supplies
and point of load regulation, the device allows voltage
Power Save Mode
tracking to other voltage rails and tolerates output
Two Level Short Circuit Protection
capacitors up to 150µF and beyond. Using the DCS-
100% Duty Cycle for Lowest Dropout
Control™ topology, the device achieves excellent
Output Discharge Function
load transient performance and accurate output
voltage regulation.
Adjustable Soft Startup
Output Voltage Tracking
The output voltage startup ramp is controlled by the
soft startup pin, which allows operation as either a
0.8V to VIN Adjustable Output Voltage
standalone power supply or in tracking configurations.
3mm x 3mm 16-Pin VQFN Package
Power sequencing is also possible by configuring the
EN and PG pins. In Power Save Mode, the device
2 Applications
operates with typically 20µA quiescent current. Power
Save Mode is entered automatically and seamlessly
Notebooks, Computers
maintaining high efficiency over the entire load
Solid State Drives
current range.
Hard Disk Drives
Device Information(1)
Processor Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Battery Powered Applications
TPS62095
VQFN (16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
1.8V Output Application
1.8V Output Application Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS62095RGTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095RGTT TI1-TPS62095RGTT Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS62095RGTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
   PWM Control 4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
   4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
   4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com