Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62095 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62095
Descripción Electrónicos  TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62095 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62095 Datasheet HTML 4Page - Texas Instruments TPS62095 Datasheet HTML 5Page - Texas Instruments TPS62095 Datasheet HTML 6Page - Texas Instruments TPS62095 Datasheet HTML 7Page - Texas Instruments TPS62095 Datasheet HTML 8Page - Texas Instruments TPS62095 Datasheet HTML 9Page - Texas Instruments TPS62095 Datasheet HTML 10Page - Texas Instruments TPS62095 Datasheet HTML 11Page - Texas Instruments TPS62095 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SS
FB
V
V
=
1.56
SS
SS
1.25V
t
= C
x
7.5 A
2
V
OUT
ton =
× 360ns × 2
V
IN
2 × I
OUT
=
V
- V
V
- V
IN
IN
OUT
OUT
ton
1 +
x
V
L
OUT
f
æ
ö
ç
÷
ç
÷
è
ø
TPS62095
SLVSBD8A – APRIL 2014 – REVISED MAY 2014
www.ti.com
7.3 Feature Description
7.3.1 PWM Operation
In PWM mode, the device operates with a fixed ON-time switching pulse at medium to heavy load currents. A
quasi fixed switching frequency of typical 1.4MHz over the input and output voltage range is achieved by using
an input feed forward. The ON-time is calculated as shown in Equation 2. As the load current decreases, the
converter enters Power Save Mode operation reducing its switching frequency. The device enters Power Save
Mode at the boundary to discontinuous conduction mode (DCM).
7.3.2 Low Dropout Operation (100% Duty Cycle)
The device offers low input to output voltage difference by entering 100% duty cycle mode. In this mode the high
side MOSFET switch is constantly turned on. This is particularly useful in battery powered applications to achieve
longest operation time by taking full advantage of the whole battery voltage range. The minimum input voltage
where the output voltage falls below set point is given by:
VIN(min) = VOUT(min) + IOUT x ( RDS(on) + RL )
(1)
Where
RDS(on) = High side FET on-resistance
RL = DC resistance of the inductor
VOUT(min) = Minimum output voltage the load can accept
7.3.3 Power Save Mode Operation
As the load current decreases, the converter enters Power Save Mode operation. During Power Save Mode, the
converter operates with reduced switching frequency and with a minimum quiescent current to maintain high
efficiency. The Power Save Mode is based on a fixed on-time architecture following Equation 2.
(2)
In Power Save Mode, the output voltage rises slightly above the nominal output voltage in PWM mode. This
effect is reduced by increasing the output capacitance or the inductor value. This effect is also reduced by
programming the output voltage of the TPS62095 lower than the target value. As an example, if the target output
voltage is 3.3V, then the TPS62095 can be programmed to 3.3V - 0.3%. As a result, the output voltage accuracy
is now -1.7% to +1.7% instead of -1.4% to 2%. The output voltage accuracy in PFM operation is reflected in the
electrical specification table and given for a 2 x 22µF output capacitance.
7.4 Device Functional Modes
7.4.1 Soft Startup
To minimize inrush current during startup, the device has an adjustable startup time depending on the capacitor
value connected to the SS pin. The device charges the SS capacitor with a constant current of typically 7.5µA.
The feedback voltage follows this voltage divided by 1.56, until the internal reference voltage of 0.8V is reached.
The soft startup operation is completed once the voltage at the SS capacitor has reached typically 1.25V. The
soft startup time is calculated using Equation 3. The larger the SS capacitor, the longer the soft startup time. The
relation between the SS pin voltage and the FB pin voltage is estimated using Equation 4. Leaving the SS pin
floating sets the minimum startup time.
(3)
(4)
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62095


Número de pieza similar - TPS62095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095RGTR TI1-TPS62095RGTR Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS62095RGTT TI1-TPS62095RGTT Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
More results

Descripción similar - TPS62095

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
   PWM Control 4A Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
   4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
   4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com