Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS6209718RWKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS6209718RWKT
Descripción Electrónicos  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209718RWKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS6209718RWKT Datasheet HTML 5Page - Texas Instruments TPS6209718RWKT Datasheet HTML 6Page - Texas Instruments TPS6209718RWKT Datasheet HTML 7Page - Texas Instruments TPS6209718RWKT Datasheet HTML 8Page - Texas Instruments TPS6209718RWKT Datasheet HTML 9Page - Texas Instruments TPS6209718RWKT Datasheet HTML 10Page - Texas Instruments TPS6209718RWKT Datasheet HTML 11Page - Texas Instruments TPS6209718RWKT Datasheet HTML 12Page - Texas Instruments TPS6209718RWKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
L
V
V
V
V
t
I
2
f
OUT
IN
OUT
IN
2
ON
OUT
PSM
-
´
´
´
=
EN
V
OUT
PG
Disable
Enable
MODE
Detection
Soft Startup
TPS62097
www.ti.com
SLVSCD6 – DECEMBER 2015
Device Function Modes (continued)
Once the EN pin is pulled high, the IC enables internal circuit blocks and prepares to ramp the output up. The
period between the rising edge of the EN pin and the beginning of the power stage switching is called the MODE
detection time, typically 50µs. During the MODE detection time period, shown in Figure 3, the PWM switching
frequency and operating mode are set by the MODE pin status, as shown in Table 1.
The PWM switching frequency can't be changed after the detection time period. Only when the device is set in
PWM/PSM mode during the MODE detection time period (MODE = AGND), it is possible to switch between
PWM/PSM and forced PWM operation modes by toggling the MODE pin with a GPIO pin of a micro-controller,
for example. The other four MODE pin selections force the device in PWM mode only.
Figure 3. Power Up Sequence
Table 1. Switching Frequency and Mode Selection
Typical PWM
Resistance at MODE pin
Toggle MODE pin after
Switching
ON-Time Equation
Operating Mode
(E24 EIA Value)
MODE detection
Frequency (MHz)
1.50
8.2k
Ω ±5%
No
tON = 667ns x VOUT / VIN
Forced PWM
1.75
18k
Ω ±5%
No
tON = 571ns x VOUT / VIN
Forced PWM
PWM/PSM and
2.00
AGND
Yes
tON = 500ns x VOUT / VIN
Forced PWM
2.25
39k
Ω ±5%
No
tON = 444ns x VOUT / VIN
Forced PWM
2.50
75k
Ω ±5% or Open
No
tON = 400ns x VOUT / VIN
Forced PWM
Connecting the MODE pin to AGND with a resistor or leaving the MODE pin open forces the device into PWM
mode for the whole load range. The device operates with a fixed switching frequency that allows simple filtering
of the switching frequency for noise sensitive applications. In forced PWM mode, the efficiency is lower than that
of PSM at light load.
Connecting the MODE pin to the AGND pin enables Power Save Mode with an automatic transition between
PWM and Power Save Mode. As the load current decreases and the inductor current becomes discontinuous,
the device enters Power Save Mode operation automatically. In Power Save Mode, the switching frequency is
reduced and estimated by Equation 2. In Power Save Mode, the output voltage rises slightly above the nominal
output voltage, as shown in Figure 13. This effect is minimized by increasing the output capacitor.
(2)
When the device operates close to 100% duty cycle mode, the TPS62097 can't enter Power Save Mode
regardless of the load current if the input voltage decreases to typically 15% above the output voltage. The
device maintains output regulation in PWM mode.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62097


Número de pieza similar - TPS6209718RWKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62097 TI1-TPS62097 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Descripción similar - TPS6209718RWKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com