Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS6209718RWKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS6209718RWKT
Descripción Electrónicos  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209718RWKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS6209718RWKT Datasheet HTML 6Page - Texas Instruments TPS6209718RWKT Datasheet HTML 7Page - Texas Instruments TPS6209718RWKT Datasheet HTML 8Page - Texas Instruments TPS6209718RWKT Datasheet HTML 9Page - Texas Instruments TPS6209718RWKT Datasheet HTML 10Page - Texas Instruments TPS6209718RWKT Datasheet HTML 11Page - Texas Instruments TPS6209718RWKT Datasheet HTML 12Page - Texas Instruments TPS6209718RWKT Datasheet HTML 13Page - Texas Instruments TPS6209718RWKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Voltage
t
V
OUT1
V
OUT2
Voltage
t
V
OUT1
V
OUT2
a) Ratiometric Tracking
b) Coincidental Tracking
2
R
1
R
4
R
3
R
<
2
R
1
R
4
R
3
R
=
R2
V
OUT1
R1
TPS62097
V
OUT2
R4
R3
SS/TR
FB
A
5
.
7
V
8
.
0
C
t
TR
/
SS
SS
m
´
=
TPS62097
SLVSCD6 – DECEMBER 2015
www.ti.com
8.4.3 Soft Startup (SS/TR)
The TPS62097 programs its output voltage ramp rate with the SS/TR pin. Connecting an external capacitor to
SS/TR enables output soft startup to reduce inrush current from the input supply. The device charges the
capacitor voltage to the input supply voltage with a constant current of typically 7.5
μA. The FB pin voltage follows
the SS/TR pin voltage until the internal reference voltage of 0.8V is reached. The soft startup time is calculated
using Equation 3. Keep the SS/TR pin floating to set the minimum startup time.
(3)
An active pull-down circuit is connected to the SS/TR pin. It discharges the external soft startup capacitor in case
of disable, UVLO, thermal shutdown and HICCUP short circuit protection.
8.4.4 Voltage Tracking (SS/TR)
The SS/TR pin is externally driven by another voltage source to achieve output voltage tracking. The application
circuit is shown in Figure 4. From 0 V to 0.8 V, the internal reference voltage to the internal error amplifier follows
the SS/TR pin voltage. When the SS/TR pin voltage is above 0.8 V, the voltage tracking is disabled and the FB
pin voltage is regulated at 0.8 V. The device achieves ratiometric or coincidental (simultaneous) output tracking,
as shown in Figure 5.
Figure 4. Output Voltage Tracking
Figure 5. Voltage Tracking Options
The R2 value should be set properly to achieve accurate voltage tracking by taking 7.5 µA soft startup current
into account. 1 k
Ω or smaller is a sufficient value for R2.
For decreasing SS/TR pin voltage, the device doesn't sink current from the output when the device is in PSM. So
the resulting decreases of the output voltage may be slower than the SS/TR pin voltage if the load is light. When
driving the SS/TR pin with an external voltage, do not exceed the voltage rating of the SS/TR pin which is
VIN+0.3V.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62097


Número de pieza similar - TPS6209718RWKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62097 TI1-TPS62097 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Descripción similar - TPS6209718RWKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com