Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62043DRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62043DRCR
Descripción Electrónicos  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62043DRCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62043DRCR Datasheet HTML 1Page - Texas Instruments TPS62043DRCR Datasheet HTML 2Page - Texas Instruments TPS62043DRCR Datasheet HTML 3Page - Texas Instruments TPS62043DRCR Datasheet HTML 4Page - Texas Instruments TPS62043DRCR Datasheet HTML 5Page - Texas Instruments TPS62043DRCR Datasheet HTML 6Page - Texas Instruments TPS62043DRCR Datasheet HTML 7Page - Texas Instruments TPS62043DRCR Datasheet HTML 8Page - Texas Instruments TPS62043DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VI = 3.6 V, VO = 1.8 V, IO = 600 mA, EN = VIN, TA = −40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)(1)
SUPPLY CURRENT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
2.5
6.0
V
I(Q)
Operating quiescent current
IO = 0 mA, device is not switching
18
35
µA
ISD
Shutdown supply current
EN = GND
0.1
1
µA
VUVLO
Under−voltage lockout threshold
1.5
2.3
V
ENABLE AND MODE
VEN
EN high level input voltage
1.4
V
VEN
EN low level input voltage
0.4
V
IEN
EN input bias current
EN = GND or VIN
0.01
1.0
µA
V(MODE)
MODE high level input voltage
1.4
V
V(MODE)
MODE low level input voltage
0.4
V
I(MODE)
MODE input bias current
MODE = GND or VIN
0.01
1.0
µA
POWER SWITCH
r
P-channel MOSFET on−resistance
VI = VGS = 3.6 V
115
210
mΩ
rDS(ON)
P-channel MOSFET on−resistance
VI = VGS = 2.5 V
145
270
mΩ
Ilkg(P)
P-channel leakage current
VDS = 6.0 V
1
µA
r
N-channel MOSFET on−resistance
VI = VGS = 3.6 V
85
200
mΩ
rDS(ON)
N-channel MOSFET on−resistance
VI = VGS = 2.5 V
115
280
mΩ
IIkg(N)
N-channel leakage current
VDS = 6.0 V
1
µA
IL
P-channel current limit
2.5 V < VI< 6.0 V
1.5
1.85
2.2
A
Thermal shutdown
150
°C
OSCILLATOR
f
Oscillator frequency
VFB = 0.5 V
1
1.25
1.5
MHz
fS
Oscillator frequency
VFB = 0 V
625
kHz
OUTPUT
VO
Adjustable output voltage range
TPS62040
0.7
VIN
V
Vref
Reference voltage
0.5
V
VFB
Feedback voltage
TPS62040
Adjustable
VI = 2.5 V to 6.0 V; IO= 0 mA
VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 1.2 A
0%
−3%
3%
3%
TPS62042
1.5V
VI = 2.5 V to 6.0 V; IO = 0 mA
VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 1.2 A
0%
−3%
3%
3%
V
Fixed output voltage
TPS62043
1.6V
VI = 2.5 V to 6.0 V; IO = 0 mA
VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 1.2 A
0%
−3%
3%
3%
VO
Fixed output voltage
TPS62044
1.8V
VI = 2.5 V to 6.0 V; IO = 0 mA
VI = 2.5 V to 6.0 V; 0 mA ≤ IO ≤ 1.2 A
0%
−3%
3%
3%
TPS62046
3.3V
VI = 3.6 V to 6.0 V; IO = 0 mA
VI = 3.6 V to 6.0 V; 0 mA ≤ IO ≤ 1.2 A
0%
−3%
3%
3%
Line regulation(1)
VI = VO + 0.5 V (min. 2.5 V) to 6.0 V,
IO = 10 mA
0
%/V
Load regulation(1)
IO = 10 mA to 1200 mA
0
%/mA
I
Leakage current into SW pin
VI>VO, 0 V ≤ Vsw ≤ VI
0.1
1
µA
IIkg(SW)
Reverse leakage current into pin SW
VI = open; EN = GND; VSW = 6.0 V
0.1
1
µA
f
Short circuit switching frequency
VFB = 0 V
625
kHz
(1) The line and load regulations are digitally controlled to assure an output voltage accuracy of ±3%.


Número de pieza similar - TPS62043DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62043DRCR TI1-TPS62043DRCR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DRCR TI1-TPS62043DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DRCRG4 TI1-TPS62043DRCRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62043DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com