Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62044DGQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62044DGQR
Descripción Electrónicos  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62044DGQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62044DGQR Datasheet HTML 1Page - Texas Instruments TPS62044DGQR Datasheet HTML 2Page - Texas Instruments TPS62044DGQR Datasheet HTML 3Page - Texas Instruments TPS62044DGQR Datasheet HTML 4Page - Texas Instruments TPS62044DGQR Datasheet HTML 5Page - Texas Instruments TPS62044DGQR Datasheet HTML 6Page - Texas Instruments TPS62044DGQR Datasheet HTML 7Page - Texas Instruments TPS62044DGQR Datasheet HTML 8Page - Texas Instruments TPS62044DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
FEATURES
D Up to 95% Conversion Efficiency
D Typical Quiescent Current: 18 µA
D Load Current: 1.2 A
D Operating Input Voltage Range: 2.5 V to 6.0 V
D Switching Frequency: 1.25 MHz
D Adjustable and Fixed Output Voltage
D Power Save Mode Operation at Light load
Currents
D 100% Duty Cycle for Lowest Dropout
D Internal Softstart
D Dynamic Output Voltage Positioning
D Thermal Shutdown
D Short-Circuit Protection
D 10 Pin MSOP PowerPad™ Package
D 10 Pin QFN 3 X 3 mm Package
APPLICATIONS
D PDA, Pocket PC and Smart Phones
D USB Powered Modems
D CPUs and DSPs
D PC Cards and Notebooks
D xDSL Applications
D Standard 5-V to 3.3-V Conversion
DESCRIPTION
The TPS6204x family of devices are high efficiency
synchronous step-down dc-dc converters optimized for
battery powered portable applications. The devices are
ideal for portable applications powered by a single Li-Ion
battery cell or by 3-cell NiMH/NiCd batteries. With an
output voltage range from 6.0 V down to 0.7 V, the devices
support low voltage DSPs and processors in PDAs,
pocket PCs, as well as notebooks and subnotebook
computers. The TPS6204x operates at a fixed switching
frequency of 1.25 MHz and enters the power save mode
operation at light load currents to maintain high efficiency
over the entire load current range. For low noise
applications, the devices can be forced into fixed
frequency PWM mode by pulling the MODE pin high. The
TPS6204x supports up to 1.2-A load current.
7
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
8
6
TPS6204x
VI
2.5 V to 6 V
VO
0.7 V to VI /1.2 A
C2
22 µF
C1
22 µF
L1
6.2 µH
Typical Application Circuit 1.2-A Output Current
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.1
1
10
100
1 k
10 k
VI = 2.7 V
VI = 3.6 V
VI = 5 V
MODE = Low
VI = 3.6 V
MODE = High
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
VO = 1.8 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2003 − 2005, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.


Número de pieza similar - TPS62044DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62044DGQR TI1-TPS62044DGQR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62044DGQR TI1-TPS62044DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62044DGQRG4 TI1-TPS62044DGQRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62044DGQRG4 TI1-TPS62044DGQRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62044DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com