Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62044DRCRG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS62044DRCRG4
Descripción Electrónicos  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62044DRCRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62044DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 13Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 14Page - Texas Instruments TPS62044DRCRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
11
1.6%
0.8%
VO
Comp High
Comp Low
Comp Low 2
PWM Mode at Medium to Full Load
PFM Mode at Light Load
Figure 14. Power Save Mode Thresholds and Dynamic Voltage Positioning
The converter enters the fixed frequency PWM mode as soon as the output voltage falls below the comp low 2
threshold.
DYNAMIC VOLTAGE POSITIONING
As described in the power save mode operation sections before and as detailed in Figure 14 the output voltage is
typically 0.8% (i.e., 1% on average) above the nominal output voltage at light load currents, as the device is in power
save mode. This gives additional headroom for the voltage drop during a load transient from light load to full load.
In the other direction during a load transient from full load to light load the voltage overshoot is also minimized by
turning on the N-Channel rectifier switch to pull the output voltage actively down.
MODE (AUTOMATIC PWM/PFM OPERATION AND FORCED PWM OPERATION)
Connecting the MODE pin to GND enables the automatic PWM and power save mode operation. The converter
operates in fixed frequency PWM mode at moderate to heavy loads and in the PFM mode during light loads,
maintaining high efficiency over a wide load current range.
Pulling the MODE pin high forces the converter to operate constantly in the PWM mode even at light load currents.
The advantage is the converter operates with a fixed switching frequency that allows simple filtering of the switching
frequency for noise sensitive applications. In this mode, the efficiency is lower compared to the power save mode
during light loads (see Figure 1 to Figure 3). For additional flexibility it is possible to switch from power save mode
to forced PWM mode during operation. This allows efficient power management by adjusting the operation of the
TPS6204x to the specific system requirements.
100% DUTY CYCLE LOW DROPOUT OPERATION
The TPS6204x offers a low input to output voltage difference while still maintaining regulation with the use of the 100%
duty cycle mode. In this mode, the P−Channel switch is constantly turned on. This is particularly useful in battery
powered applications to achieve longest operation time by taking full advantage of the whole battery voltage range.
i.e. The minimum input voltage to maintain regulation depends on the load current and output voltage and can be
calculated as:
VI min + VO max ) IO max
rDS(on)max ) RL
with:
IO(max)= maximum output current plus inductor ripple current
rDS(on)max= maximum P-channel switch tDS(on).
RL = DC resistance of the inductor
VOmax = nominal output voltage plus maximum output voltage tolerance
(2)


Número de pieza similar - TPS62044DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62044DRCRG4 TI1-TPS62044DRCRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62044DRCRG4 TI1-TPS62044DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62044DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com