Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2904AQTH-13 Datasheet(PDF) 10 Page - Diodes Incorporated |
|
LM2904AQTH-13 Datasheet(HTML) 10 Page - Diodes Incorporated |
10 / 16 page LM2902Q/LM2902AQ/LM2904Q/LM2904AQ Document number: DS37815 Rev. 3 - 2 10 of 16 www.diodes.com June 2016 © Diodes Incorporated LM2902Q/LM2902AQ/LM2904Q/LM2904AQ Application Information (continued) Power Supply Bypassing and Layout The LM2902Q/04Qxx family operates from both single supply voltage range 3 to 36V, or dual supply voltage ±1.5V to ±18V. As with any operation amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. For single supply operation system, a minimum 0.1µF bypass capacitor should be recommended to place as close as possible between VCC pin and GND. For dual supply operation, both the positive supply pin and negative supply pin should be bypassed to ground with a separate 0.1µF ceramic capacitor. 2.2µF tantalum capacitor can be added for better performance. Keep the length of leads and traces that connect capacitors between LM29xx power supply pin and ground as short as possible. Ordering Information Part Number Package Code Packaging (Note 14) 13” Tape and Reel Qualification (Note 15) Quantity Part Number Suffix LM2902QT14-13 T14 TSSOP-14 2,500/Tape & Reel -13 Automotive Compliant LM2902AQT14-13 T14 TSSOP-14 2,500/Tape & Reel -13 Automotive Compliant LM2902QS14-13 S14 SO-14 2,500/Tape & Reel -13 Automotive Compliant LM2902AQS14-13 S14 SO-14 2,500/Tape & Reel -13 Automotive Compliant LM2904QS-13 S SO-8 2,500/Tape & Reel -13 Automotive Compliant LM2904AQS-13 S SO-8 2,500/Tape & Reel -13 Automotive Compliant LM2904QTH-13 TH TSSOP-8 2,500/Tape & Reel -13 Automotive Compliant LM2904AQTH-13 TH TSSOP-8 2,500/Tape & Reel -13 Automotive Compliant LM2904QM8-13 M8 MSOP-8 2,500/Tape & Reel -13 Automotive Compliant LM2904AQM8-13 M8 MSOP-8 2,500/Tape & Reel -13 Automotive Compliant Notes: 14. For packaging details, go to our website at http://www.diodes.com/products/packages.html. 15. LM2902Q/2904Q have been qualified to AEC-Q100 grade 1 and are classified as “Automotive Compliant” which supports PPAP documentation. See LM2902/2904 datasheet for commercial qualified versions. |
Número de pieza similar - LM2904AQTH-13 |
|
Descripción similar - LM2904AQTH-13 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |