Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW4120LC-0.3PF Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

No. de pieza FW4120LC-0.3PF
Descripción Electrónicos  Ultra Low Capacitance ESD array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Página de inicio  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FW4120LC-0.3PF Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  FW4120LC-0.3PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ordering information
FW05
Marking code
FW4120LC
Ultra Low Capacitance ESD array
Package information
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.45
0.50
0.55
A1
-
0.02
0.05
b
0.15
0.20
0.25
c
0.10
0.15
0.20
D
4.00
4.10
4.20
D1
0.20
0.25
0.30
D2
1.30
1.40
1.50
D3
0.25
0.30
0.35
e
0.80BSC
Nd
3.20BSC
E
1.90
2.00
2.10
E2
0.70
0.80
0.90
K
0.20
-
-
L
0.25
0.30
0.35
h
0.15
0.20
0.25
L/F Carrier
67*43
E1605F10A-STD-FW-006
Futurewafer Technology Co., Ltd


Número de pieza similar - FW4120LC-0.3PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
FW427IPMR-ACTA TI1-FW427IPMR-ACTA Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
ON Semiconductor
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
More results

Descripción similar - FW4120LC-0.3PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
   Ultra Low Capacitance ESD array
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
   Ultra-Low Capacitance ESD Array
2008-10-29
logo
FutureWafer Tech Co.,Lt...
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
   Ultra Low Capacitance ESD array
FSRV05-4-3PF FUTUREWAFER-FSRV05-4-3PF Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FSRV05-4 FUTUREWAFER-FSRV05-4 Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FESD05LVCA FUTUREWAFER-FESD05LVCA Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
Infineon Technologies A...
ESD5V3U2U INFINEON-ESD5V3U2U Datasheet
558Kb / 8P
   Ultra-Low Capacitance ESD Diode Array
2008-09-04
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com