Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP508
http://onsemi.com
5
TYPICAL CHARACTERISTICS
150
170
190
210
230
250
270
290
310
330
TEMPERATURE (°C)
Figure 8. Short−Circuit Current Limit vs.
Temperature, 1.5 V
−40 −20
0
20
40
60
80
100
120
Vout = 0 V
0
50
100
150
200
250
300
350
400
TEMPERATURE (°C)
Figure 9. Short−Circuit Current Limit vs.
Temperature, 3.3 V
−40 −20
0
20
40
60
80
100
120
Vout = 0 V
0
50
100
150
200
250
300
TEMPERATURE (°C)
Figure 10. Quiescent Current vs. Temperature,
1.5 V
−40 −20
0
20
40
60
80
100
120
VEN = 0 V
0
50
100
150
200
250
300
350
400
450
TEMPERATURE (°C)
Figure 11. Quiescent Current vs. Temperature,
3.3 V
−40 −20
0
20
40
60
80
100
120
VEN = 0 V
120
125
130
135
140
145
TEMPERATURE (°C)
Figure 12. Ground Current vs. Temperature,
1.5 V
−40 −20
0
20
40
60
80
100
120
Vin = Vout + 1 V
Iout = 0 mA
128
130
132
134
136
138
140
142
144
146
TEMPERATURE (°C)
Figure 13. Ground Current vs. Temperature,
3.3 V
−40 −20
0
20
40
60
80
100
120
Vin = Vout + 1 V
Iout = 0 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn