Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 7 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP508
http://onsemi.com
7
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
02
4
6
8
10
12
Vin, INPUT VOLTAGE (V)
Figure 17. Output Voltage vs. Input Voltage
Iout = 1.0 mA to
50 mA
VEN = Vin
Vout = 1.5 V
Cin = Cout = 1 mF
TA = 25°C
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
02
46
8
10
12
Iout = 1.0 mA to
50 mA
VEN = Vin
Vout = 3.3 V
Cin = Cout = 1 mF
TA = 25°C
Vin, INPUT VOLTAGE (V)
Figure 18. Output Voltage vs. Input Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.05
0.1
0.15
0.2
0.25
0.3
Vin = 2.5 V
VEN = Vin
Vout = 1.5 V
Cin = Cout = 1 mF
TA = 25°C
Iout, OUTPUT CURRENT (A)
Figure 19. Output Voltage vs. Output Current
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0
0.05
0.1
0.15
0.2
0.25
0.3
Vin = 4.3 V
VEN = Vin
Vout = 3.3 V
Cin = Cout = 1 mF
TA = 25°C
Iout, OUTPUT CURRENT (A)
Figure 20. Output Voltage vs. Output Current
Iout, OUTPUT CURRENT (mA)
Figure 21. Equivalent Series Resistance vs.
Output Current, X7R, MLCC Capacitor
Region of Instability
Region of Stability
Cin = Cout = 1 mF
TA = 25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn