Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 8 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 8 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP508
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Vout = 1.5 V
Vin = 2.5 V to 3.5 V /rate 1 V/ms
Iload = 40 mA
Cout = 1 mF MLCC
Input Voltage (V)
Output Voltage Deviation (mV)
Figure 22. Line Transient Response
1.5 V/40 mA
3.5
2.5
60 mV
30 mV
0
−30 mV
−60 mV
Load Current (mA)
Vout = 1.5 V
Vin = 2.5 V
Iload = 1 to 50 mA
Cout = 1 uF MLCC
Output Voltage Deviation (mV)
Figure 23. Load Transient Response 1.5 V
20 mV
10 mV
0
−10 mV
−20 mV
−30 mV
Vout = 1.5 V
Vin = 2.5 V to 3.5 V /rate 1 V/ms
Iload = 50 mA
Cout = 4.7 mF MLCC
Input voltage (V)
Output Voltage Deviation (mV)
3.5
2.5
20 mV
10 mV
0
−10 mV
−20 mV
Figure 24. Line Transient Response
1.5 V/50 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn