Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 10 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 10 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NCP508
http://onsemi.com
10
TYPICAL CHARACTERISTICS
0.0
0.5E−07
1.0E−07
1.5E−07
2.0E−07
2.5E−07
3.0E−07
10
100
1000
10000
100000
1000000
FREQUENCY (Hz)
Figure 28. Output Voltage Noise
Vout = 1.5 V, Iout = 40 mA
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
100000
1000000
fripple, RIPPLE FREQUENCY (Hz)
Figure 29. Ripple Rejection vs. Frequency
Iout = 40 mA, 0.5 Vpp
3.3 V
2.5 V
1.5 V
RMS Noise Value (100 Hz − 100 kHz) = 39 mV
Iout = No Load
Cin = Cout = 1 mF
Vin = VEN = 2.8 V
Vout = 1.8 V
TA = 25°C
Iin
Vin = VEN
Vout
Figure 30. Startup, No Load
Vin = VEN
Vout
Iin
Figure 31. Startup, Iout = 50 mA
Iout = 50 mA
Cin = Cout = 1 mF
Vin = VEN = 2.8 V
Vout = 1.8 V
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn