Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 11 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 11 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP508
http://onsemi.com
11
Cin = Cout = 1 mF
Vin = VEN = 2.8 V
Vout = 2.5 V
TA = 25°C
Ilimit = 180 mA
Figure 32. Hard Short−Circuit Current (by Copper Wires)
500 ms/div
50 mA/div
0
0.01
0.02
0.03
0.04
0.05
0.06
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Figure 33. Measured Power Operating Area,
1.5 V, TA = 855C, Vout_drop = max 0.1 V
Vin, INPUT VOLTAGE (V)
33 x 26 mm
Figure 34. Evaluation Board
0
50
100
150
200
250
300
350
0
100 200 300 400 500 600 700 800 900 1000
0
0.05
0.1
0.15
0.2
0.25
COPPER HEAT SPREADER AREA (mm2)
PD
qJA
Figure 35. SC70−5 Thermal Resistance vs.
Copper Heat Spreader Area
VEN = Vin
Cin = Cout = 1 mF
TA = 85°C
PCB Copper Thickness = 1.0 oz
50
100
150
200
250
300
400
0
100 200 300 400 500 600 700 800 900
PCB COPPER HEAT SPREADER AREA (mm2)
Figure 36. WDFN6 Thermal Resistance vs.
Copper Heat Spreader Area
350
PCB Copper Thickness = 1.0 oz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn