Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP508 Datasheet(PDF) 12 Page - ON Semiconductor

No. de pieza NCP508
Descripción Electrónicos  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP508_11 Datasheet HTML 7Page - ON Semiconductor NCP508_11 Datasheet HTML 8Page - ON Semiconductor NCP508_11 Datasheet HTML 9Page - ON Semiconductor NCP508_11 Datasheet HTML 10Page - ON Semiconductor NCP508_11 Datasheet HTML 11Page - ON Semiconductor NCP508_11 Datasheet HTML 12Page - ON Semiconductor NCP508_11 Datasheet HTML 13Page - ON Semiconductor NCP508_11 Datasheet HTML 14Page - ON Semiconductor NCP508_11 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
NCP508
http://onsemi.com
12
DEFINITIONS
Load Regulation
The change in output voltage for a change in output
current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 100 mV
below its nominal. The junction temperature, load current,
and minimum input supply requirements affect the dropout
level.
Maximum Power Dissipation
The maximum total dissipation for which the regulator
will operate within its specifications.
Quiescent Current
The quiescent current is the current which flows through
the ground when the LDO operates without a load on its
output: internal IC operation, bias, etc. When the LDO
becomes loaded, this term is called the Ground current. It is
actually the difference between the input current (measured
through the LDO input pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse technique such that the average
chip temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage
is excited with a given slope.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 125
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The maximum power package dissipation is the power
dissipation level at which the junction temperature reaches
its maximum operating value, i.e. 150
°C. Depending on the
ambient power dissipation and thus the maximum available
output current.
APPLICATIONS INFORMATION
Typical application circuit for the NCP508 series is shown
in Figure 1.
Input Decoupling (C1)
An input capacitor of at least 1.0
mF,(ceramic or tantalum)
is recommended to improve the transient response of the
regulator and/or if the regulator is located more than a few
inches from the power source. It will also reduce the circuit’s
sensitivity to the input line impedance at high frequencies.
The capacitor should be mounted with the shortest possible
track length directly across the regular’s input terminals.
Higher values and lower ESR will improve the overall line
transient response.
Output Decoupling (C2)
The NCP508 is a stable regulator and does not require a
minimum output current. Capacitors exhibiting ESRs
ranging from a few m
W up to 3 W can safely be used. The
minimum decoupling value is 1.0
mF and can be augmented
to fulfill stringent load transient requirements. The regulator
accepts ceramic chip capacitors as well as tantalum devices.
Larger values improve noise rejection and load regulation
transient response.
Enable Operation
The enable pin will turn on or off the regulator. The limits
of threshold are covered in the electrical specification
section of this datasheet. If the enable is not used then the pin
should be connected to Vin.
Hints
Please be sure the Vin and GND lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal Considerations
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded.
The maximum power dissipation supported by the device
is dependent upon board design and layout. Mounting pad
configuration on the PCB, the board material and also the
ambient temperature effect the rate of temperature rise for
the part. This is stating that when the NCP508 has good
thermal conductivity through the PCB, the junction
temperature will be relatively low with high power
dissipation applications.
The maximum dissipation the package can handle is given
by:
(eq. 1)
PD +
TJ(max) * TA
RqJA
where:
− TJ{max) is the maximum allowable junction temperature
of the die, which is 150
°C
− TA is the ambient operating temperature
− Rqja is dependent on the surrounding PCB layout


Número de pieza similar - NCP508_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP5080 ONSEMI-NCP5080 Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP5080MUTXG ONSEMI-NCP5080MUTXG Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP508MN15TBG ONSEMI-NCP508MN15TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN18TBG ONSEMI-NCP508MN18TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN25TBG ONSEMI-NCP508MN25TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Descripción similar - NCP508_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com