Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP508 Datasheet(PDF) 13 Page - ON Semiconductor

No. de Pieza. NCP508
Descripción  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP508 Datasheet(HTML) 13 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
NCP508
http://onsemi.com
13
ORDERING INFORMATION
Device
Nominal Output Voltage
Marking
Package
Shipping
NCP508SQ15T1G
1.5
D5A
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508SQ18T1G
1.8
D5C
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508SQ25T1G
2.5
D5D
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508SQ28T1G
2.8
D5E
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508SQ30T1G
3.0
D5F
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508SQ33T1G
3.3
D5G
SC−88A
(Pb−Free)
3000 / Tape & Reel
NCP508MT15TBG
1.5
B
WDFN6
(Pb−Free)
3000 / Tape & Reel
NCP508MT18TBG
1.8
A
WDFN6
(Pb−Free)
3000 / Tape & Reel
NCP508MT25TBG
2.5
C
WDFN6
(Pb−Free)
3000 / Tape & Reel
NCP508MT28TBG
2.8
D
WDFN6
(Pb−Free)
3000 / Tape & Reel
NCP508MT30TBG
3.0
E
WDFN6
(Pb−Free)
3000 / Tape & Reel
NCP508MT33TBG
3.3
F
WDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE: Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn